| Manufacturer | Part # | Datasheet | Description |
 SHANGHAI BELLING CO., L... |
BL7431A
|
132Kb / 4P |
It can be used widely in intelligent public telephone area
|
 Pericom Semiconductor C... |
PI5USB2544A
|
905Kb / 31P |
USB Charging Port Controller and Load Detection Power Switch
|
|
PI5USB2549
|
334Kb / 13P |
USB Charging Port Controller and Load Detection Power Switch
|
 Injoinic Technology Co.... |
IP5318
|
1Mb / 27P |
4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
|
 Hotchip Technology Co.,... |
HT7913E
|
983Kb / 6P |
A linear charging model in the built-in maximum 1 A linear charging mode
|
|
HT4349Q
|
996Kb / 6P |
A linear charging mode of the largest A linear charging mode. charging current can be passed.
|
 SHENZHEN FUMAN ELECTRON... |
FM6808
|
672Kb / 8P |
USB charging interface intelligent control chip
|
 Shenzhen Huazhimei Semi... |
HM6601Q
|
301Kb / 9P |
USB Charging Port Controller for Fast Charging Protocol
|
 Diodes Incorporated |
PI5USB2546AQ
|
1Mb / 30P |
USB Charging Port Controller and Load Detection Power Switch
July 2018 |
|
PI5USB2546Q
|
1Mb / 29P |
USB Charging Port Controller and Load Detection Power Switch
09/24/15 |