Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT4929E Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT4929E
Description  ChargIng, electric discharge can be used in a port, intelligent recognition charging input load output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT4929E Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT4929E Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT4929E Datasheet HTML 6Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HT4929E
1/6
www.hotchip.com.cn
Ver1.1
移动电源管理方案
产品概述
HT4929
是一款新构架的单片移动电源管理
芯片,采用充放端口共用的先进专利技术,以
及同步整流技术,外围元件少,性能优秀,可
以组建出良好的 1A-in/1A-out 、单/双 LED 指示
的移动电源。
主要特点
◆充电、放电可共用一个端口,智能识别充电
输入/带载输出;
◆内置最大 1A 线性充电模式,充电电流外部
可调;
◆涓流/恒流/恒压三段式充电,浮充截止电压
4.20V
(典型值),支持对 0V 电池充电;
◆内置充电能根据温升自动降低充电电流,
130
度开始下降,最低可降至 0;
◆充电输入端有防反灌功能,不需要防反灌二
极管;
◆升压使用同步整流电路,最高效率可达 91%,
发热低,固定 5.10V(典型值)输出,不需
要外部电阻设置;
◆升压输出电流 1.0A(BTP=3.6V);具有恒功率输
出功能,有完整的过流,短路保护,内置温度
保护,过温自动停止升压;
◆负载插入自动启动升压,负载移除自动休眠;
◆电池低压提醒功能;
◆支持单灯或者双灯充电与放电指示;
◆ 4KV ESD;
◆固定开关频率 1MHZ;
◆电池过充、过放保护;
◆ ESOP8 小型封装
典型应用
◆ 移动电源;
◆ LED 照明系统;
◆ 玩具;
典型应用电路图
LD1
Red
C2
22uF
L1
4.7uH
C1
10uF
PGND
L1
BTP
VOUT
LX
U1
HT4929
KEY
LD2
Blue
L2
PROG
AGND
SW
6
5
4
3
1
2
8
7
衬底
USB-IN
VCC
D-
D+
GND
1
2
3
4
1
2
3
4
VCC
D-
D+
GND
USB-OUT
5
ID
锂
电
保
护


Similar Part No. - HT4929E

ManufacturerPart #DatasheetDescription
logo
Hotchip Technology Co.,...
HT4921 HOTCHIP-HT4921 Datasheet
434Kb / 7P
Li-ion Battery Charger
HT4924U HOTCHIP-HT4924U Datasheet
1,017Kb / 6P
Highly integrated and minimal peripheral components
HT4927U HOTCHIP-HT4927U Datasheet
1Mb / 6P
Highly integrated, minimal peripheral components
HT4928S HOTCHIP-HT4928S Datasheet
1,016Kb / 6P
Highly integrated, minimal peripheral components
More results

Similar Description - HT4929E

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL7431A BELLING-BL7431A Datasheet
132Kb / 4P
It can be used widely in intelligent public telephone area
logo
Pericom Semiconductor C...
PI5USB2544A PERICOM-PI5USB2544A Datasheet
905Kb / 31P
USB Charging Port Controller and Load Detection Power Switch
PI5USB2549 PERICOM-PI5USB2549 Datasheet
334Kb / 13P
USB Charging Port Controller and Load Detection Power Switch
logo
Injoinic Technology Co....
IP5318 INJOINIC-IP5318 Datasheet
1Mb / 27P
4.8A charging, 18W discharge, integrated input and output fast charging function mobile power supply SOC
logo
Hotchip Technology Co.,...
HT7913E HOTCHIP-HT7913E Datasheet
983Kb / 6P
A linear charging model in the built-in maximum 1 A linear charging mode
HT4349Q HOTCHIP-HT4349Q Datasheet
996Kb / 6P
A linear charging mode of the largest A linear charging mode. charging current can be passed.
logo
SHENZHEN FUMAN ELECTRON...
FM6808 FUMAN-FM6808 Datasheet
672Kb / 8P
USB charging interface intelligent control chip
logo
Shenzhen Huazhimei Semi...
HM6601Q HMSEMI-HM6601Q Datasheet
301Kb / 9P
USB Charging Port Controller for Fast Charging Protocol
logo
Diodes Incorporated
PI5USB2546AQ DIODES-PI5USB2546AQ Datasheet
1Mb / 30P
USB Charging Port Controller and Load Detection Power Switch
July 2018
PI5USB2546Q DIODES-PI5USB2546Q Datasheet
1Mb / 29P
USB Charging Port Controller and Load Detection Power Switch
09/24/15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com