Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL7442LV Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL7442LV Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL7442LV
Download  BL7442LV Download
File Size   305.06 Kbytes
Page   10 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Low voltage Intelligent 2K bits EEPROM

BL7442LV Datasheet (PDF)

Go To PDF Page Download Datasheet
BL7442LV Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL7442LV
Download  BL7442LV Click to download

File Size   305.06 Kbytes
Page   10 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Low voltage Intelligent 2K bits EEPROM

BL7442LV Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL7442LV Product details

Description
BL7442LV is a IC Card chip (module) made by 1.2um CMOS EERPOM process. It has 256 byte EEPROM with logical encryption and function. It can be operated at low voltage.BL7442LV has two types, type A and type B.

Features
• 256 x 8 bit EEPROM organization
• Byte-wise addressing
• Irreversible byte-wise write protection of lowest 32 addresses (Byte 0 ……31)
• 32 x1 bit organization of protection memory
• Two-wire link protocol
• End of processing indicated at data output
• Answer-to-Reset according to ISO standard 7816-3(B type)
• EEPROM programming time 2.5 ms per byte for both Erasing and writing
• Minimum of 100,000 write/erase cycles
• Data retention time :>10 years
• Contacts configuration and serial interface according to ISO 7816 standard (synchronous transmission)
• BL7442LV A type: Data can only be read(include Answer-to-Reset )and changed after entry of the correct 3-byte Programmable security code
• BL7442LV B type: Data can only be changed after entry of the correct 3-byte Programmable security code




Similar Part No. - BL7442LV

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL7448SM BELLING-BL7448SM Datasheet
225Kb / 7P
Intelligent 8K-bit EEPROM
More results


Similar Description - BL7442LV

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MN63112S PANASONIC-MN63112S Datasheet
36Kb / 4P
2K-Bit EEPROM
MN6311S PANASONIC-MN6311S Datasheet
40Kb / 6P
2K-Bit EEPROM
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
2K-bit Serial EEPROM for Low Power
logo
Ceramate Technical
24LLC02 CERAMATE-24LLC02 Datasheet
458Kb / 19P
2K-Bits Serial EEPROM For Low Power
logo
Microchip Technology
24AA02 MICROCHIP-24AA02_07 Datasheet
401Kb / 26P
2K I2C??Serial EEPROM
2007
logo
Sanyo Semicon Device
LE24CBK22 SANYO-LE24CBK22 Datasheet
193Kb / 20P
Two Wire Serial Interface EEPROM (2K2K EEPROM)
LE24CBK222 SANYO-LE24CBK222 Datasheet
187Kb / 20P
Triple port EEPROM Two Wire Serial Interface (2K2K EEPROM)
logo
SHANGHAI BELLING CO., L...
BL7432SM BELLING-BL7432SM Datasheet
237Kb / 8P
Low voltage Intelligent 2K bits EEPROM
logo
Sanyo Semicon Device
LE24CBK23MC SANYO-LE24CBK23MC Datasheet
1Mb / 21P
Dual port EEPROM Two Wire Serial Interface(2K2K EEPROM)
logo
AiT Semiconductor Inc.
A24C02 AITSEMI-A24C02 Datasheet
779Kb / 19P
MEMORY EEPROM 2k BITS (256BYTES) TWO-WIRE SERIAL
REV3.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com