Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL7448SM Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL7448SM Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL7448SM
Download  BL7448SM Download
File Size   225.64 Kbytes
Page   7 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Intelligent 8K-bit EEPROM

BL7448SM Datasheet (PDF)

Go To PDF Page Download Datasheet
BL7448SM Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL7448SM
Download  BL7448SM Click to download

File Size   225.64 Kbytes
Page   7 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description Intelligent 8K-bit EEPROM

BL7448SM Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL7448SM Product details

Description
BL7448SM is an IC Card chip (module) made by 0.35um CMOS EERPOM process. It has 1024 byte EEPROM with logical encryption and function.

Features
• 1024 x 8 bit EEPROM organization
• Byte-wise addressing Irreversible byte-wise write protection of every Byte
• 1024 x1 bit organization of protection memory
• Serial three-wire link
• End of processing indicated at data output
• Minimum of 100,000 write/erase cycles
• Data retention time :>10 years
• Contacts configuration and serial interface according to ISO 7816 standard (synchronous transmission)
• Data can only be changed after entry of the correct 2-byte Programmable security code




Similar Part No. - BL7448SM

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL7442LV BELLING-BL7442LV Datasheet
305Kb / 10P
Low voltage Intelligent 2K bits EEPROM
More results


Similar Description - BL7448SM

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
1K/2K/4K/8K-bit Serial EEPROM
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
8K-Bit Serial EEPROM 2-Wire Bus Interface
logo
Intersil Corporation
HIP7038A8 INTERSIL-HIP7038A8 Datasheet
21Kb / 5P
J1850 8-Bit 68HC05 Microcontroller 8K EEPROM Version
1994 04
logo
Ceramate Technical
24LC08 CERAMATE-24LC08 Datasheet
397Kb / 23P
8K-Bit Serial EEPROM
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76 Datasheet
413Kb / 10P
8K-Bit Microwire Serial EEPROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
1K/2K/4K/8K/16K-Bit Serial EEPROM
logo
Pyramid Semiconductor C...
PYX28C64 PYRAMID-PYX28C64 Datasheet
147Kb / 11P
8K x 8 EEPROM
logo
Catalyst Semiconductor
CAT93C76 CATALYST-CAT93C76_07 Datasheet
230Kb / 13P
8K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24AA08 MICROCHIP-24AA08_09 Datasheet
553Kb / 30P
8K I2C??Serial EEPROM
2009
24LC08BSN MICROCHIP-24LC08BSN Datasheet
1Mb / 40P
8K I2C??Serial EEPROM
2002-2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com