Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL317 Datasheet (PDF) - SHANGHAI BELLING CO., LTD.

BL317 Datasheet PDF - SHANGHAI BELLING CO., LTD.
Part # BL317
Download  BL317 Download
File Size   358.87 Kbytes
Page   7 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description HIGH CURRENT ADJUSTABLE VOLTAGE

BL317 Datasheet (PDF)

Go To PDF Page Download Datasheet
BL317 Datasheet PDF - SHANGHAI BELLING CO., LTD.

Part # BL317
Download  BL317 Click to download

File Size   358.87 Kbytes
Page   7 Pages
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.
Description HIGH CURRENT ADJUSTABLE VOLTAGE

BL317 Datasheet (HTML) - SHANGHAI BELLING CO., LTD.


BL317 Product details

DESCRIPTION

The BL317 is an adjustable 3-terminal positive voltage  regulator ,  designed to supply 1A of  output current with voltage adjustable from  1.3V ~ 35V.



FEATURES           

Typical 1% Output Voltage Tolerance

Output voltage adjustable from 1.3V ~35V

Output current in excess of 1A

Internal short circuit protection

Internal over temperature protection

Output transistor safe area compensation



APPLICATIONS

PC Motherboard

LCD Monitor

Graphic Card

DVD Player

Network Interface Card /Switch

Telecom Equipment

Printer and other Peripheral Equipment



 




Similar Part No. - BL317

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BF BELLING-BL317BF Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BF BELLING-BL317BF Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BK BELLING-BL317BK Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
BL317BK BELLING-BL317BK Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
More results


Similar Description - BL317

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L200 STMICROELECTRONICS-L200 Datasheet
165Kb / 12P
ADJUSTABLE VOLTAGE AND CURRENT REGULATOR
Jan-2000
logo
M.S. Kennedy Corporatio...
MSK5021 MSK-MSK5021 Datasheet
260Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
MSK5012BTU MSK-MSK5012BTU Datasheet
207Kb / 5P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317EMP TGS-LM317EMP Datasheet
406Kb / 7P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS19603 TSC-TS19603 Datasheet
152Kb / 6P
400mA High Voltage Adjustable Current Regulator
logo
Tiger Electronic Co.,Lt...
LM317 TGS-LM317 Datasheet
406Kb / 7P
HIGH CURRENT ADJUSTABLE VOLTAGE
logo
SHANGHAI BELLING CO., L...
BL317BT BELLING-BL317BT Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
Anaren Microwave
MSK5021 ANAREN-MSK5021 Datasheet
140Kb / 6P
HIGH CURRENT, SUPER LOW DROPOUT ADJUSTABLE VOLTAGE REGULATOR
logo
SHANGHAI BELLING CO., L...
BL317B BELLING-BL317B Datasheet
259Kb / 10P
HIGH CURRENT ADJUSTABLE VOLTAGE REGULATOR
logo
AiT Semiconductor Inc.
A317B AITSEMI-A317B Datasheet
500Kb / 9P
BIPOLAR LINEAR REGULATOR HIGH CURRENT ADJUSTABLE VOLTAGE
REV1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com