Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX601 Datasheet (PDF) - Advanced Semiconductor Business Inc.

ASX601 Datasheet PDF - Advanced Semiconductor Business Inc.
Part # ASX601
Download  ASX601 Download
File Size   759.17 Kbytes
Page   13 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description 250-2500 MHz MMIC Amplifier

ASX601 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASX601 Datasheet PDF - Advanced Semiconductor Business Inc.

Part # ASX601
Download  ASX601 Click to download

File Size   759.17 Kbytes
Page   13 Pages
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.
Description 250-2500 MHz MMIC Amplifier

ASX601 Datasheet (HTML) - Advanced Semiconductor Business Inc.


ASX601 Product details

Description
The ASX601, a power amplifier MMIC, has a high linearity, high gain, and high efficiency over a wide range of frequency, being suitable for use in both receiver and transmitter of telecommunication systems up to 2.5 GHz. The amplifier is available in a SOT89 package and passes through the stringent DC, RF, and reliability tests.

Features
• 16 dB Gain at 900 MHz
• 32.7 dBm P1dB at 900 MHz
• 49 dBm Output IP3 at 900 MHz
• MTTF > 100 Years
• Single Supply

Application Circuit
• IF (350 MHz)
• IF (440 ~ 460 MHz)
• Others (715 ~ 725 MHz)
• CDMA
• RFID (USA)
• GSM
• Others (1400 ~ 1500 MHz)




Similar Part No. - ASX601

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX601 ASB-ASX601 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
More results


Similar Description - ASX601

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
250 - 2500 MHz Linear Power Amplifier Driver
logo
Advanced Semiconductor ...
ASX501 ASB-ASX501 Datasheet
804Kb / 14P
250-2500 MHz MMIC Amplifier
September 2010
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX521 ASB-ASX521 Datasheet
907Kb / 12P
250-3000 MHz MMIC Amplifier
February 2010
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX501 ASB-ASX501_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com