Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASX601 Datasheet(PDF) 1 Page - Advanced Semiconductor Business Inc.

Part # ASX601
Description  250-2500 MHz MMIC Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASX601 Datasheet(HTML) 1 Page - Advanced Semiconductor Business Inc.

  ASX601 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASX601 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
ASB Inc. · sales@asb.co.kr · Tel: +82-42-528-7223
December 2010
ASX601
250-2500 MHz MMIC Amplifier
Parameters
Units
Typical
Typical
Frequency
MHz
900
2000
900
2000
Gain
dB
16
9.5
16
9.5
S11
dB
-18
-14
-18
-14
S22
dB
-14
-12
-14
-12
Output IP3
1)
dBm
49
47
44
43
Noise Figure
dB
5.6
5.8
5.6
5.8
Output P1dB
dBm
32.7
31
32
31
Current
mA
850
850
710
710
Device Voltage
V
5
5
4.7
4.7
* Performance tested at 50 W system and a room temperature.
1) OIP3 measured with two tones at an output power of +15 dBm/tone separated by 1 MHz.
Parameters
Units
Min
Typ
Max
Testing Frequency
MHz
900
Gain
dB
15
16
S11
dB
-18
S22
dB
-14
Output IP3
dBm
47
49
Noise Figure
dB
5.6
5.9
Output P1dB
dBm
32
32.7
Current
mA
820
850
900
Device Voltage
V
5
* 100% in-house DC & RF testing is done on packaged products before taping.
Parameters
Rating
Operating Case Temperature
-40 to +85°C
Storage Temperature
-40 to +150°C
Device Voltage
+6 V
Operating Junction Temperature
+150°C
Input RF Power (CW, 50ohm matched)*
25 dBm
* Please find the max. input power data from http://www.asb.co.kr/pdf/Maximum_Input_Power_Analysis.pdf
Features
Description
Absolute Maximum Ratings
·16 dB Gain at 900 MHz
·32.7 dBm P1dB at 900 MHz
·49 dBm Output IP3 at 900 MHz
·MTTF > 100 Years
·Single Supply
The ASX601, a power amplifier MMIC, has a high
linearity, high gain, and high efficiency over a wide
range of frequency, being suitable for use in both
receiver and transmitter of telecommunication sys-
tems up to 2.5 GHz. The amplifier is available in an
SOT-89 packa ge and passes through the stringent
DC, RF, and reliability tests.
Application Circuit
·440 ~ 460 MHz
·715 ~ 725 MHz
·CDMA
·RFID (USA)
·GSM
·1400 ~ 1500 MHz
·PCS
Typical Performance
*
Product Specifications*
ASX601
Package Style: SOT-89
Pin Configuration
Pin No.
Function
1
RF IN
2
GND
3
RF OUT / Bias


Similar Part No. - ASX601

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASX601 ASB-ASX601 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
More results

Similar Description - ASX601

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
250 - 2500 MHz Linear Power Amplifier Driver
logo
Advanced Semiconductor ...
ASX501 ASB-ASX501 Datasheet
804Kb / 14P
250-2500 MHz MMIC Amplifier
September 2010
ASX520 ASB-ASX520 Datasheet
591Kb / 9P
250-3000 MHz MMIC Amplifier
February 2010
ASX521 ASB-ASX521 Datasheet
907Kb / 12P
250-3000 MHz MMIC Amplifier
February 2010
ASX201 ASB-ASX201 Datasheet
512Kb / 21P
250 ~ 5000 MHz MMIC Amplifier
September 2013
ASX201 ASB-ASX201_17 Datasheet
1Mb / 22P
250 ~ 5000 MHz MMIC Amplifier
February 2017
ASX501 ASB-ASX501_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX521 ASB-ASX521_17 Datasheet
1Mb / 13P
250 ~ 3000 MHz MMIC Amplifier
February 2017
ASX601 ASB-ASX601_17 Datasheet
1Mb / 15P
250 ~ 2500 MHz MMIC Amplifier
February 2017
ASX621 ASB-ASX621_17 Datasheet
1Mb / 12P
250 ~ 3000 MHz MMIC Amplifier
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com