Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet (PDF) - STMicroelectronics

STA321 Datasheet PDF - STMicroelectronics
Part # STA321
Download  STA321 Download
File Size   2133.22 Kbytes
Page   157 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-channel digital audio system with FFX??driver

STA321 Datasheet (PDF)

Go To PDF Page Download Datasheet
STA321 Datasheet PDF - STMicroelectronics

Part # STA321
Download  STA321 Click to download

File Size   2133.22 Kbytes
Page   157 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4-channel digital audio system with FFX??driver

STA321 Datasheet (HTML) - STMicroelectronics


STA321 Product details

Overview
The STA321 is a single chip solution for digital audio processing applications of up to 4.0 channels.
The STA321 is part of the Sound Terminal™ family that together with the digital power stage provides full digital audio streaming to the speaker, offering cost effectiveness, low energy dissipation and sound enrichment.

Features
■ High efficiency FFX™ class-D modulator
■ 100-dB dynamic range
■ Two stereo channels with I2S input/output data interface
■ 16-bit stereo ADC input with PGA and microphone biasing
■ Analog and digital muxing/mixing capability
■ 4-channel input sample rate converter (8 kHz to 192 kHz)
■ Four channels of 24-bit audio processing
■ Flexible channel mapping and routing
■ Output configurations:
   – 2.0
   – 2.1
   – 4.0
   – Mono
■ Embedded CMOS bridge: up to 0.5 W/channel
■ pfStart™ for pop-free single-ended operations
■ Play and record simultaneous operation
■ Pre and post mix stages
■ Individual channel and master gain/attenuation
■ Digital gain/attenuation -105 dB to +36 dB in 0.5-dB steps
■ Soft volume update and muting
■ DC-blocking selectable high-pass filter
■ Selectable de-emphasis filter
■ Up to 13 28-bit user programmable biquads (EQ) per channel
■ Bass/treble tone control
■ Ternary, binary or phase shift modulation
■ PWM output
■ Headphone output with jack detector
■ I2C control.




Similar Part No. - STA321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA321MP STMICROELECTRONICS-STA321MP Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
STA321MPL STMICROELECTRONICS-STA321MPL Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
STA321MPL1TR STMICROELECTRONICS-STA321MPL1TR Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
More results


Similar Description - STA321

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
2-channel high-efficiency digital audio system
25-May-2007
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
2.0-channel high-efficiency digital audio system
03-Jul-2009
logo
Richtek Technology Corp...
RT9107B RICHTEK-RT9107B Datasheet
641Kb / 42P
Dual-Channel Digital Audio System
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com