Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 1 Page - STMicroelectronics

  STA321 Datasheet HTML 1Page - STMicroelectronics STA321 Datasheet HTML 2Page - STMicroelectronics STA321 Datasheet HTML 3Page - STMicroelectronics STA321 Datasheet HTML 4Page - STMicroelectronics STA321 Datasheet HTML 5Page - STMicroelectronics STA321 Datasheet HTML 6Page - STMicroelectronics STA321 Datasheet HTML 7Page - STMicroelectronics STA321 Datasheet HTML 8Page - STMicroelectronics STA321 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
October 2009
Doc ID 15351 Rev 3
1/157
1
STA321
4-channel digital audio system with FFX™ driver
Features
High efficiency FFX™ class-D modulator
100-dB dynamic range
Two stereo channels with I2S input/output data
interface
16-bit stereo ADC input with PGA and
microphone biasing
Analog and digital muxing/mixing capability
4-channel input sample rate converter
(8 kHz to 192 kHz)
Four channels of 24-bit audio processing
Flexible channel mapping and routing
Output configurations:
–2.0
–2.1
–4.0
–Mono
Embedded CMOS bridge: up to 0.5 W/channel
pfStart™ for pop-free single-ended operations
Play and record simultaneous operation
Pre and post mix stages
Individual channel and master gain/attenuation
Digital gain/attenuation -105 dB to +36 dB in
0.5-dB steps
Soft volume update and muting
DC-blocking selectable high-pass filter
Selectable de-emphasis filter
Up to 13 28-bit user programmable biquads
(EQ) per channel
Bass/treble tone control
Ternary, binary or phase shift modulation
PWM output
Headphone output with jack detector
I2C control.
LQFP-64 package
with exposed pad down (EPD)
Table 1.
Device summary
Order code
Temperature range
Package
Packaging
STA321
0 to 70 °C
LQFP-64 EPD
Tray
STA321TR
0 to 70 °C
LQFP-64 EPD
Tape and reel
www.st.com


Similar Part No. - STA321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA321MP STMICROELECTRONICS-STA321MP Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
STA321MPL STMICROELECTRONICS-STA321MPL Datasheet
715Kb / 50P
Scalable digital microphone processor
07-Feb-2012
STA321MPL1 STMICROELECTRONICS-STA321MPL1 Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
STA321MPL1TR STMICROELECTRONICS-STA321MPL1TR Datasheet
1Mb / 80P
Scalable digital microphone processor
June 2016 Rev 1
More results

Similar Description - STA321

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
AD8356A ESMT-AD8356A Datasheet
325Kb / 4P
2.1-Channel Digital Audio Amplifier with Headphone Driver
logo
STMicroelectronics
STA330 STMICROELECTRONICS-STA330 Datasheet
832Kb / 55P
2.0 digital audio processor with FFX digital modulator and analog and digital inputs
12-Dec-2007
STA333W STMICROELECTRONICS-STA333W Datasheet
660Kb / 42P
2-channel high-efficiency digital audio system
25-May-2007
STA333BW STMICROELECTRONICS-STA333BW Datasheet
1Mb / 64P
2.1-channel high-efficiency digital audio system
26-Jul-2007
STA328 STMICROELECTRONICS-STA328_08 Datasheet
782Kb / 57P
2.1-channel high-efficiency digital audio system
13-May-2008
STA323W STMICROELECTRONICS-STA323W_08 Datasheet
1Mb / 77P
2.1-channel high-efficiency digital audio system
22-May-2008
STA335BWS STMICROELECTRONICS-STA335BWS Datasheet
1Mb / 68P
2.1-channel high-efficiency digital audio system
18-Jan-2008
STA339BW STMICROELECTRONICS-STA339BW Datasheet
2Mb / 77P
2.1-channel high-efficiency digital audio system
04-Aug-2010
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
2.0-channel high-efficiency digital audio system
03-Jul-2009
logo
Richtek Technology Corp...
RT9107B RICHTEK-RT9107B Datasheet
641Kb / 42P
Dual-Channel Digital Audio System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com