Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 54Page - STMicroelectronics STA321 Datasheet HTML 55Page - STMicroelectronics STA321 Datasheet HTML 56Page - STMicroelectronics STA321 Datasheet HTML 57Page - STMicroelectronics STA321 Datasheet HTML 58Page - STMicroelectronics STA321 Datasheet HTML 59Page - STMicroelectronics STA321 Datasheet HTML 60Page - STMicroelectronics STA321 Datasheet HTML 61Page - STMicroelectronics STA321 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 157 page
background image
FFX
STA321
58/157
Doc ID 15351 Rev 3
7.7
pfStart™ operation
In order to avoid pop noise the bypass capacitor, situated between the filtered amplifier
output and the load in single-ended applications, needs to be pre-charged to half of the
power supply voltage. This is usually done by connecting a resistive partition to the output
and then disconnecting it at the end of the charging phase (see the analog pop free
description in section 9).
In the STA321 the FFX digital pop-free feature allows the digital pre-charging of the bypass
capacitor using the amplifier instead of a resistive partition. This active pre-charge is also
faster than the resistive partition method. The digital pop-free function can be independently
set on both power stages, that is, the CMOS bridge stage using bit CB_PFDIG and the
embedded amplifier stage using bit EA_PFDIG in register FFXCFG2 on page 83.
Registers CB_PFRAMP1-6 beginning on page 97 and EA_PFRAMP1-6 beginning on page
99 control the charging function. The register usage is given in the following description.
The capacitor is charged from zero to half the supply voltage with the PWM signal. By
applying a suitable ramp to the input of the modulator the PWM signal begins from near 0%
duty cycle to 50% duty cycle.
The method is based on a slow ramp signal (from ground to VCC / 2), implemented using
both pulse density modulation (PDM) and pulse width modulation (PWM). At the beginning
of the ramp PDM is used starting from an initial value set by bits CBRMPINI and EARMPINI,
and then switching to PWM when reaching a threshold value set by bits CBRMPTH and
EARMPTH.
The total ramp time can be modified via bits EATIM_RMP and CBTIM_RMP.
Figure 35.
Digital pop-free ramp implementation
The PDM is realized with a noise shaper circuit, where the sampling time (Td) of the noise
shaper is equal to the minimum pulse size set by bits CBRMP_MP and EARMP_MP.
1000…000
RAMP_INIT
RAMP_THOLD
0000…000
Output
0
PDM
PWM
Ramp
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com