Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 72Page - STMicroelectronics STA321 Datasheet HTML 73Page - STMicroelectronics STA321 Datasheet HTML 74Page - STMicroelectronics STA321 Datasheet HTML 75Page - STMicroelectronics STA321 Datasheet HTML 76Page - STMicroelectronics STA321 Datasheet HTML 77Page - STMicroelectronics STA321 Datasheet HTML 78Page - STMicroelectronics STA321 Datasheet HTML 79Page - STMicroelectronics STA321 Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 157 page
background image
I2C interface
STA321
76/157
Doc ID 15351 Rev 3
Multi-byte write
The multi-byte write mode starts from any internal address. The master generates a STOP
condition to terminate the transfer.
13.1.7
Read operation
Current address byte read
Following the START condition the master sends a device select code with the RW bit set
to 1. The STA321 acknowledges and then responds by sending one byte of data. The
master then terminates the transfer by generating a STOP condition.
Current address multi-byte read
The multi-byte read mode start from any internal address. Data bytes are read from
sequential addresses within the STA321. The master acknowledges each data byte read
and then generates a STOP condition to terminate the transfer.
Random address byte read
Following the START condition the master sends a device select code with the RW bit set
to 0. The STA321 acknowledges and then the master writes the internal address byte. After
receiving, the internal byte address the STA321 again responds with an acknowledge. The
master then initiates another START condition and sends the device select code with the
RW bit set to 1. The STA321 acknowledges this and then responds by sending one byte of
data. The master then terminates the transfer by generating a STOP condition.
Random address multi-byte read
The multi-byte read modes start from any internal address. Data bytes are read from
sequential addresses within the STA321. The master acknowledges each data byte read
and then generates a STOP condition to terminate the transfer.
Figure 53.
I2C write operations
Figure 54.
I2C read operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com