Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 71 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 67Page - STMicroelectronics STA321 Datasheet HTML 68Page - STMicroelectronics STA321 Datasheet HTML 69Page - STMicroelectronics STA321 Datasheet HTML 70Page - STMicroelectronics STA321 Datasheet HTML 71Page - STMicroelectronics STA321 Datasheet HTML 72Page - STMicroelectronics STA321 Datasheet HTML 73Page - STMicroelectronics STA321 Datasheet HTML 74Page - STMicroelectronics STA321 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
STA321
Serial audio interface
Doc ID 15351 Rev 3
71/157
11.4
Invalid detection
STA321 has an invalid input detection feature that can detect an invalid serial interface bit
clock or frame clock and then mute the processing channels to avoid any speaker or
headphone damage and, moreover, to avoid loud audible transients which may be
discomforting to the listener. The control is active only for the SAI input. The configuration
programmed in bits 0, 1 and 2 of register FFXCFG0 on page 82 is applicable to both SAI1
and SAI2 whilst the checks are independent for each interface. The mute on the processing
channel is asserted depending on the input interface mapping.
Figure 50 shows the invalid detection schematic. Here, two different checks are available.
The first one is enabled by register bit FFXCFG0.BAD_CKS_M and evaluates the ratio of
BICLK and LRCLK. The resulting number must be the same as that written in bits
S2Pn_BOS (for example, 32 * fS or 64 * fS) in registers SAI_IN1_CFG1 on page 123 and
SAI_IN2_CFG1, otherwise the channels are muted.
The second check is enabled by register bit FFXCFG0.MIS_BICK_M and is related to the
presence of BICLK. Basically, a 8-bit watchdog counter decrements, starting from 0xFF, with
each edge of clk_proc. The counter is reset to 0xFF at each BICLK edge; so, if the
watchdog counter ever reaches 0x00, a missing bit clock error is signalled and the mute
command is issued.
Figure 50.
Invalid input detection schematic
BICLKI1
LRCLKI1
BICLKI2
LRCLKI2
Ratio
calculator
Ratio
calculator
Is
alive?
Is
alive?
S2P2_BOS
S2P1_BOS
=
=
clk_proc
clk_proc
OR
OR
MIS_BICK_M
MIS_BICK_M
BAD_CKS_M
BAD_CKS_M
MUTE0
MUTE1
MUTE2
MUTE3
00
01
1x
00
01
1x
00
01
1x
00
01
1x
MUTE0
MUTE1
MUTE3
MUTE2
mute ch0
mute ch1
mute ch2
mute ch3
SRC1_INSEL
SRC2_INSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com