Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 66 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 62Page - STMicroelectronics STA321 Datasheet HTML 63Page - STMicroelectronics STA321 Datasheet HTML 64Page - STMicroelectronics STA321 Datasheet HTML 65Page - STMicroelectronics STA321 Datasheet HTML 66Page - STMicroelectronics STA321 Datasheet HTML 67Page - STMicroelectronics STA321 Datasheet HTML 68Page - STMicroelectronics STA321 Datasheet HTML 69Page - STMicroelectronics STA321 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 157 page
background image
Serial audio interface
STA321
66/157
Doc ID 15351 Rev 3
11
Serial audio interface
The data on pins SDATAI, SDATAO, LRCLKI and LRCLKO are always synchronous with the
bit clock. The data on these pins changes with the BICLK active (or clocking) edge.
The BICLK strobe edge latches the data SDATAI, SDATAO, LRCLKI, LRCLKO; thus this
data should be stable near the BICLK strobe edges. The slave device uses the strobe edges
to latch the serial data internally.
The active and strobe edges can be selected to be the rising edge or the falling edge by
appropriately programming register bits SAI_IN1_CFG0[7], SAI_OUT_CFG0[7] and
SAI_IN2_CFG0[7].
The serial-to-parallel interface and the parallel-to-serial interface can have different
sampling rates. Figure 41 shows a typical setup.
Figure 41.
SAI typical sampling rates
11.1
Master mode
In this mode BICLKI/BICLKO and LRCLKI/LRCLKO are configured as outputs and are
generated by the core.
Figure 42.
Timing diagram for master mode
SAI_out
PLL
CLK
98 MHz
SAI_in
Sample rate
converter
Fs = 8 - 192 kHz
Fs = CLK / 1024
96 kHz
Processing
Fs = CLK / 1024
96 kHz
Fs = CLK / 2048
96 kHz or
48 kHz
or
Fs = CLK / 1024
Biclki/
Biclko
BICLKI
BICLKO
LRCLKI
LRCLKO
SDATAO
SDATAI
tDL
tDDA
tDST
tDHT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com