Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 55Page - STMicroelectronics STA321 Datasheet HTML 56Page - STMicroelectronics STA321 Datasheet HTML 57Page - STMicroelectronics STA321 Datasheet HTML 58Page - STMicroelectronics STA321 Datasheet HTML 59Page - STMicroelectronics STA321 Datasheet HTML 60Page - STMicroelectronics STA321 Datasheet HTML 61Page - STMicroelectronics STA321 Datasheet HTML 62Page - STMicroelectronics STA321 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 157 page
background image
STA321
FFX
Doc ID 15351 Rev 3
59/157
7.8
PWM00 output
Pin PWM00 is an additional output with a maximum driving capability of 2 mA to control an
external bridge or external operational amplifier.
By default, PWM00 is tied to logical 0. When register bit CKOCFG[0] is set to 1 then any
FFX PWM channel output can be mapped to it.
When the CMOS bridge is in standby the output PWM00 is, by default, turned off. However,
it is possible to have the FFX signal PWM3A as the PWM00 output by using bit 3 of register
FFXCFG0 on page 82, and this whatever the status of power-down or the 3-state signals of
both bridges, even if they are different from the normal operating mode where the output is 0
when in power-down or 3-state mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com