Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 35 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 31Page - STMicroelectronics STA321 Datasheet HTML 32Page - STMicroelectronics STA321 Datasheet HTML 33Page - STMicroelectronics STA321 Datasheet HTML 34Page - STMicroelectronics STA321 Datasheet HTML 35Page - STMicroelectronics STA321 Datasheet HTML 36Page - STMicroelectronics STA321 Datasheet HTML 37Page - STMicroelectronics STA321 Datasheet HTML 38Page - STMicroelectronics STA321 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 157 page
background image
STA321
Digital processing stage
Doc ID 15351 Rev 3
35/157
Figure 15.
SAI_out data multiplexer
6.2
Sampling rate converter
The sample rate converter (SRC) re samples the input data source in order to send to the
processing block an audio stream always with a fixed frequency:
sampling frequency, fS = fsys_clk / 1024 where fsys_clk is the system clock frequency.
In all the examples given here, fS = 96 kHz.
Figure 16.
Sample rate converter block diagram
The selection between x2 FIR interpolation and direct input data is made automatically by
the threshold selector block. If the input sampling frequency (measured by the DRLL) is
higher than the SRC threshold (that is, more than 81 kHz) the direct connection is selected
(first filter bypassed), otherwise the first x2 filter is added to the data path.
A 3-kHz hysteresis is fixed around the SRC threshold nominal value in order to prevent
unstable oscillations.
16
ADC (L/R)
000
SAI_out1
32
SAI_in1 (L/R)
001
32
SAI_in2 (L/R)
010
24
SRC1 (L/R)
011
24
SRC2 (L/R)
100
24
PROC (ch0/ch1)
101
24
PROC (ch2/ch3)
else
P2SDATA[5:3]
16
ADC (L/R)
000
SAI_out2
2-channel signal
1-channel signal
32
SAI_in1 (L/R)
001
32
SAI_in2 (L/R)
010
24
SRC1 (L/R)
011
24
SRC2 (L/R)
100
24
PROC (ch0/ch1)
101
24
PROC (ch2/ch3)
else
P2SDATA[2:0]
Interpolation
FIR x2
Threshold
selector
DRLL
Interpolation
FIR x2
Precomp.
FIR
Sync 6
async.
Data input
LRCK_IN
Ratio
Data output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com