Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 42Page - STMicroelectronics STA321 Datasheet HTML 43Page - STMicroelectronics STA321 Datasheet HTML 44Page - STMicroelectronics STA321 Datasheet HTML 45Page - STMicroelectronics STA321 Datasheet HTML 46Page - STMicroelectronics STA321 Datasheet HTML 47Page - STMicroelectronics STA321 Datasheet HTML 48Page - STMicroelectronics STA321 Datasheet HTML 49Page - STMicroelectronics STA321 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 157 page
background image
Digital processing stage
STA321
46/157
Doc ID 15351 Rev 3
6.14.3
Reading a set of five coefficients/locations from RAM
Write RAM address of b0 to registers START_ADDR2 and START_ADDR1
Write 1 to bit RA in register PROCCTRL
(b0) Read 8 MSBs of coefficient in register I2CB0_TOP
Read 8 middle bits of coefficient in register I2CB0_MID
Read 8 LSBs of coefficient in register I2CB0_BOT
(b1) Read 8 MSBs of coefficient in register I2CB1_TOP
Read 8 middle bits of coefficient in register I2CB1_MID
Read 8 LSBs of coefficient in register I2CB1_BOT
(b2) Read 8 MSBs of coefficient in register I2CB2_TOP
Read 8 middle bits of coefficient in register I2CB2_MID
Read 8 LSBs of coefficient in register I2CB2_BOT
(a1) Read 8 MSBs of coefficient in register I2CA1_TOP
Read 8 middle bits of coefficient in register I2CA1_MID
Read 8 LSBs of coefficient in register I2CA1_BOT
(a2) Read 8 MSBs of coefficient in register I2CA2_TOP
Read 8 middle bits of coefficient in register I2CA2_MID
Read 8 LSBs of coefficient in register I2CA2_BOT
Figure 28.
Reading five contiguous RAM locations
START_ADDR[8:0]
Write address to
of coefficient
Read bottom 8 bits
of coefficient
Read top 8 bits
of coefficient
Read middle 8 bits
in PROC_CTRL
0x61 = address[8]
0x62 = address[7:0]
Write 1 to bit RA
0x60 = 0x08
Repeat for All 5 Coefficients
top_val =
0x51/0x54/0x57/0x5A/0x5D
mid_val =
0x52/0x55/0x58/0x5B/0x5E
bot_val =
0x53/0x56/0x59/0x5C/0x5F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com