Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 14Page - STMicroelectronics STA321 Datasheet HTML 15Page - STMicroelectronics STA321 Datasheet HTML 16Page - STMicroelectronics STA321 Datasheet HTML 17Page - STMicroelectronics STA321 Datasheet HTML 18Page - STMicroelectronics STA321 Datasheet HTML 19Page - STMicroelectronics STA321 Datasheet HTML 20Page - STMicroelectronics STA321 Datasheet HTML 21Page - STMicroelectronics STA321 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 157 page
background image
Electrical specifications
STA321
18/157
Doc ID 15351 Rev 3
The STA321 has an integrated oscillator between pins XTI and XTO.
The architecture is a single-stage oscillator with an inverter working as an amplifier. The
oscillator stage is biased by an internal resistor (of about 500 k
Ω), and requires an external
PI network consisting of a crystal and two capacitors as shown in Figure 4 below. An enable
feature is provided in bit 7 of register MISC (address 0xC8) to stop the oscillator and thereby
to reduce power consumption.
Not all crystals operate satisfactorily with the type of oscillator used in the STA321. To find
out if a crystal is suitable for this device the following transconductance formula must be
evaluated and compared to the critical transconductance for the embedded oscillator:
Gm = Rm *
ω2 * (C + 2 * Co)2 < GmCRITICAL / 3
where
ω is the crystal operating frequency, C = CA = CB, Co and Rm are shown in Figure 5
and GmCRITICAL is given in Table 7.
Figure 5.
Equivalent circuit of crystal and external components
Table 7.
Oscillator specifications
Symbol
Parameter
Min
Typ
Max
Unit
IOSC
Oscillator power consumption with crystal
connected (1)
1.
If no crystal is connected then the power consumption could be much higher.
--215
µA
DutyOSC
Duty cycle
46.9
47.8%
48.9
%
TUP
Startup time
-
15 *
τx-
s (2)
2.
τx is the time constant of the crystal and external components; a typical value is 44 µs.
GmCRITICAL
Oscillator transconductance
1060
-
-
µA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com