Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 15Page - STMicroelectronics STA321 Datasheet HTML 16Page - STMicroelectronics STA321 Datasheet HTML 17Page - STMicroelectronics STA321 Datasheet HTML 18Page - STMicroelectronics STA321 Datasheet HTML 19Page - STMicroelectronics STA321 Datasheet HTML 20Page - STMicroelectronics STA321 Datasheet HTML 21Page - STMicroelectronics STA321 Datasheet HTML 22Page - STMicroelectronics STA321 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 157 page
background image
STA321
Electrical specifications
Doc ID 15351 Rev 3
19/157
3.5
Embedded DC regulator
The power supply to the digital STA321 core and PLL is provided via embedded linear DC
regulators as shown below in Figure 6. When pin REG_BYPASS is tied to ground, the DC
regulators are active so that a voltage in the range 2.5 V to 3.6 V applied to pins VDD_REGx
or PVDD provides a regulated internal voltage to the core and the PLL. The voltages Vddi
and Vddipll range from 1.55 V to 1.95 V depending on operating conditions.
Figure 6.
Embedded DC regulator scheme
If the application allows multiple supplies or the power supply requirements are a
fundamental constraint, pin REG_BYPASS can be tied high and a 1.8 V external supply can
be applied directly to pins VDD_REGx and PVDD. In this case the operating range for such
an external supply is 1.55 V to 1.95 V.
Embedded DC regulators imply also static power consumption that must be take into
account when the power-down modes are active. The STA321 provides a deep powerdown
mode where also the regulators are active but in a low power consumption mode (see
Section 4.3.2 on page 27).
Core
PLL
DC
DC
DC
STA321
VDD_REG1
VDD_REG2
PVDD
Vddi
Vddi
Vddipll
REG_BYPASS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com