Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 61Page - STMicroelectronics STA321 Datasheet HTML 62Page - STMicroelectronics STA321 Datasheet HTML 63Page - STMicroelectronics STA321 Datasheet HTML 64Page - STMicroelectronics STA321 Datasheet HTML 65Page - STMicroelectronics STA321 Datasheet HTML 66Page - STMicroelectronics STA321 Datasheet HTML 67Page - STMicroelectronics STA321 Datasheet HTML 68Page - STMicroelectronics STA321 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 157 page
background image
STA321
ADC
Doc ID 15351 Rev 3
65/157
10.2
Application schematic
Figure 40.
Typical connections for power supplies and inputs
10.2.1
Configuration example
This is an example of the register setup for the ADC inputs. It is assumed that every
peripheral is already configured and working correctly.
There are other configuration examples to help you get started please refer to other
chapters and also to Chapter 14: Register description on page 77 in order to get all the
necessary and complementary details.
Table 27 shows the register settings for selecting INL2 and INR2 as input source for SRC
and SAI_out1 and using the PGA with a 12-dB gain.
Table 27.
Example register settings for ADC
Register
Value
Description
ADCCFG1
0x40
Selecting INL2 and INR2 as sources
ADCCFG0
0x52
PGA Gain = +12 dB, PGA enabled, ADC clock on
P2SDATA
0x40
ADC Data routed also to the SAI_out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com