Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 11Page - STMicroelectronics STA321 Datasheet HTML 12Page - STMicroelectronics STA321 Datasheet HTML 13Page - STMicroelectronics STA321 Datasheet HTML 14Page - STMicroelectronics STA321 Datasheet HTML 15Page - STMicroelectronics STA321 Datasheet HTML 16Page - STMicroelectronics STA321 Datasheet HTML 17Page - STMicroelectronics STA321 Datasheet HTML 18Page - STMicroelectronics STA321 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 157 page
background image
STA321
Electrical specifications
Doc ID 15351 Rev 3
15/157
Amplifier (CMOS bridge)
η
Output power efficiency
-
-
90
-
%
PHPOUT
Output power in HP mode with
THD = 1%
3.3-V supply RL = 32 Ω
-41
-
mW
Output power in HP mode with
THD = 10%
3.3-V supply RL = 32 Ω
-53
-
SNR
Signal to noise ratio
20 Hz to 20 kHz
-
75
-
dB
THD + N
Total harmonic distortion plus noise
RL = 32
Ω,
HP mode
0 dBFs In
-
0.3
-
%
-6 dBFs In
-
0.05
-
DR
Dynamic range
A-weighted
-
80
-
dB
ISTBYP
Current in standby, pins VCCx
-
-
2
-
µA
IDDP
Operating current, pins VCCx
No LC filter, no load,
PWM at 50% duty-cycle
-1
-
mA
IDDPD
Pre-drive supply current in
operation, pin VCC33
No load,
PWM at 50% duty-cycle
-
250
350
µA
tR
Driver rise time, pins OUT1-3
Resistive load, see Figure 3
-5
-
ns
tF
Driver fall time, pins OUT1-3
Resistive load, see Figure 3
-5
-
ns
RDSON
Headphone output stage N/P MOS
on-resistance
-
-
500
700
m
Ω
IOCH
Over-current limit for OUT1-3 to
VCCx short circuit
-
-
1.88
-
A
IOCL
Over-current limit for OUT1-3 to
ground short circuit
-
-
1.72
-
A
PLL
ISTDBYPLL
PLL supply current in standby
-
-
20
-
µA
IDDPLL
PLL supply current in operation
-
-
0.4
1.0
mA
fCLKIN_Range
Input clock frequency range
-
2.048
-
49.152 MHz
DutyCLKIN
Input clock duty cycle
-
40
-
60
%
tCLKIN_RF
Input clock rise/fall time
-
-
-
0.2
ns
fF_INT
PFD input clock frequency
PLL_FR_CTRL = 1
2.048
-
12.288 MHz
fVCO_Range
Clock out range
-
65.536 -
98.304 MHz
DutyVCO
Clock out duty cycle
-
35
-
65
%
TLOCK
Lock time
-
-
-
200
µs
Table 6.
Electrical specifications (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com