Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 79Page - STMicroelectronics STA321 Datasheet HTML 80Page - STMicroelectronics STA321 Datasheet HTML 81Page - STMicroelectronics STA321 Datasheet HTML 82Page - STMicroelectronics STA321 Datasheet HTML 83Page - STMicroelectronics STA321 Datasheet HTML 84Page - STMicroelectronics STA321 Datasheet HTML 85Page - STMicroelectronics STA321 Datasheet HTML 86Page - STMicroelectronics STA321 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
83/157
FFXCFG2
Address:
0x02
Type:
RW
Reset:
0x2D
Description:
Note:
Particular care must be taken when bits NS_ORD and PWM_FREQ are changed. To avoid
any audible artifacts, these bits must be modified only with the following procedure:
1.
Mute STA321 processing.
2.
Change PWM_FREQ and/or NS_ORD and set RESET_NOISH = 1.
3.
Configure RESET_NOISH = 0.
4.
Unmute STA321 processing.
765432
10
RESET_NOISH
PWM_FREQ
NS_ORD[1:0]
EA_TSFT_ON
CB_TSFT_ON
EA_PFDIG
CB_PFDIG
[7] RESET_NOISH
1: a reset is forced to the noise-shaper block
[6] PWM_FREQ
0: 4 fS (4*96 kHz = 384 kHz)
1: 8 fS (8*96 kHz = 768 kHz)
[5:4] NS_ORD[1:0]
Noise shape order
00: 3rd. order
01: 4th. order
10: 5th. order
[3] EA_TSFT_ON
1: if there is a fault on the external bridge, it will be put in 3-state
[2] CB_TSFT_ON
1: if there is a fault on the CMOS bridge, it will be put in 3-state
[1] EA_PFDIG
1: enable the pop-free ramp of EA
[0] CB_PFDIG
1: enable the pop-free ramp of CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com