Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 23Page - STMicroelectronics STA321 Datasheet HTML 24Page - STMicroelectronics STA321 Datasheet HTML 25Page - STMicroelectronics STA321 Datasheet HTML 26Page - STMicroelectronics STA321 Datasheet HTML 27Page - STMicroelectronics STA321 Datasheet HTML 28Page - STMicroelectronics STA321 Datasheet HTML 29Page - STMicroelectronics STA321 Datasheet HTML 30Page - STMicroelectronics STA321 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 157 page
background image
STA321
Power-up and power-down sequences
Doc ID 15351 Rev 3
27/157
4.3.2
Full power-down
In this case the device is put into a full power-down mode.
This implies lower power consumption than the mild mode, but has a drawback in that it
takes longer to execute.
Initial conditions
FFX_ULCK_PLL = 10
CMP_EN_N = 1
DC_STBY_EN = 1
Going into power-down:
This mode differs from the previous one by an additional step at the end of the power-
down procedure and at the beginning of the power-up:
1.
Embedded amplifier (EA) and CMOS bridge (CB) volume are set to mute (the length of
this step changes according to the fade-out ramp configuration).
2.
EA and CB are put into power-down.
After the acknowledge signals (EA is in power-down and CB is in power-down) are
received:
3.
All peripherals are turned off (regardless the register settings).
4.
PLL clock is bypassed, the system clock (sys_clk in Figure 11 on page 29) is XTI.
5.
All clocks are shut down.
6.
DC regulator is put into standby mode. After this point the device is in a very low power
consumption mode.
Returning to normal mode:
After the release of pin STBY, the power-up procedure will take place:
1.
DC regulator is set to operational mode
After the acknowledge signal (DCAOK) from the DC regulator is received:
2.
All clocks are turned on.
3.
All peripherals are restored to the status based on their relative register settings.
4.
If the PLL clock was the system clock it is selected again after the locking time.
5.
The EA and the CB execute the fade-in procedure before being ready to be used (the
length of this step changes according to the fade-in ramp configuration).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com