Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 60Page - STMicroelectronics STA321 Datasheet HTML 61Page - STMicroelectronics STA321 Datasheet HTML 62Page - STMicroelectronics STA321 Datasheet HTML 63Page - STMicroelectronics STA321 Datasheet HTML 64Page - STMicroelectronics STA321 Datasheet HTML 65Page - STMicroelectronics STA321 Datasheet HTML 66Page - STMicroelectronics STA321 Datasheet HTML 67Page - STMicroelectronics STA321 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 157 page
background image
ADC
STA321
64/157
Doc ID 15351 Rev 3
10
ADC
10.1
Description
The STA321 analog input is provided through a low-power, low-voltage complete low-cost
analog-to-digital converter front end designed for stereo audio applications. It includes
programmable gain amplifier, anti-aliasing filter, low-noise microphone biasing circuit, a third
order MASH2-1 delta-sigma modulator, a digital decimating filter and a 1st-order
DC-removal filter.
The ADC works with either a microphone input or a line input, selected using bit
ADC_INSEL in register ADCCFG0 on page 133.
A programmable gain amplifier (PGA) is available in microphone-in mode giving the
possibility to amplify the signal from 0 to 42 dB in steps of 6 dB using register bit
ADCCFG0.ADC_PGA.
The ADC specifications are given in Table 6 on page 14.
Figure 39.
ADC front-end block diagram
ADC left
1
0
INL 2
PGA
10
00
10
00
INR 2
INR 1
PGA
ADC right
0
1
ADCINSEL[4]
INL 1
ADCCFG1[7:6]
16 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com