Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 43 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 39Page - STMicroelectronics STA321 Datasheet HTML 40Page - STMicroelectronics STA321 Datasheet HTML 41Page - STMicroelectronics STA321 Datasheet HTML 42Page - STMicroelectronics STA321 Datasheet HTML 43Page - STMicroelectronics STA321 Datasheet HTML 44Page - STMicroelectronics STA321 Datasheet HTML 45Page - STMicroelectronics STA321 Datasheet HTML 46Page - STMicroelectronics STA321 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 157 page
background image
STA321
Digital processing stage
Doc ID 15351 Rev 3
43/157
The ramp procedure ends when the target volume or mute level is reached. The time for the
volume change is calculated as:
tCHANGE = (volumeCURRENT - volumeTARGET) / 0.5 * tSTEP
If SVOL_ONx is not used, the volume and mute are set instantaneously.
The STA321 also has the possibility to put the FFX into mute in the event of bad input data
using register FFXCFG0. If bit BAD_CKS_M is set to 1 the FFX is muted when BICLK and
LRCLK do not meet the specifications. If MIS_BICK_M is set to 1 the FFX is muted when
BICLK is missing. The mute can be applied gradually or abruptly via bit BAD_IN_M.
6.12
Limiter (clamping)
The saturation stage provides an individual or a global limitation on the output signal
amplitude such that if the signal is above the limiting value then it is truncated (clamped).
A 23-bit saturation value made up using registers SATCHxCFG1, SATCHxCFG2 and
SATCHxCFG3 can be set for each channel x.
However, if bit 7 of register SATCH0CFG1 on page 116 is set to 1, all the channels take the
saturation value of channel 0 and ignore the individual settings.
6.13
FFX channel re-mapping
Figure 25.
FFX re-mapping
The channels are re-mapped through registers PWMMAP1, PWMMAP2 and PWMMAP3 on
page 86. The default configuration routes the channels directly to their respective CB/EA
signals:
pwm_1a -> cb_pwm_1
pwm_1b -> cb_pwm_2
pwm_2a -> cb_pwm_3
pwm_2b -> pwm_00 (PWM00)
pwm_3a -> ea_pwm_1 (EAPWM1)
pwm_3b -> ea_pwm_2 (EAPWM2)
pwm_4a -> ea_pwm_3 (EAPWM3)
pwm_4b -> ea_pwm_4 (EAPWM4)
pwm_2a
pwm_2b
pwm_3a
pwm_3b
pwm_4a
pwm_4b
FFX ch2
FFX ch3
FFX ch4
Channle 0
Channel 1
Channel 2
Channel 3
pwm_1a
pwm_1b
cb_pwm_1
cb_pwm_2
cb_pwm_3
pwm_00
CMOS
bridge
ea_pwm_1a
ea_pwm_1b
ea_pwm_2a
ea_pwm_2b
Processing block
FFX ch1
FFX block
Channel re-map
cb1_map
cb2_map
cb3_map
pwm00_map
ea1b_map
ea2a_map
ea1a_map
ea2b_map
OUT1
OUT2
OUT3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com