Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 26Page - STMicroelectronics STA321 Datasheet HTML 27Page - STMicroelectronics STA321 Datasheet HTML 28Page - STMicroelectronics STA321 Datasheet HTML 29Page - STMicroelectronics STA321 Datasheet HTML 30Page - STMicroelectronics STA321 Datasheet HTML 31Page - STMicroelectronics STA321 Datasheet HTML 32Page - STMicroelectronics STA321 Datasheet HTML 33Page - STMicroelectronics STA321 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 157 page
background image
Clock management
STA321
30/157
Doc ID 15351 Rev 3
5.1
System clock
Figure 11 above shows the STA321 clock management scheme with all the major clocks. As
can be seen, the system clock (sys_clk) is selected from one of three sources by using
register PLLB on page 136:
an external clock BICLKI1
(default) an external clock XTI or MCLK (the unused one must, however, be set to 0)
the internal PLL.
If the PLL is used there are some design constraints:
pll_clk_in_i must be in the range: 2.048 MHz to 49.152 MHz
pll_clk_out must be in the range: 65.536 MHz to 98.304 MHz.
The sys_clk is routed to the peripherals through the clock manager section.
5.1.1
Configuration example
This is an example of the PLL register setup. It is assumed that every peripheral is already
configured and working correctly.
There are other configuration examples to help you get started please refer to other
chapters and also to Chapter 14: Register description on page 77 in order to get all the
necessary and complementary details.
Starting with MCLK as system clock switching to PLL as source
Table 15.
Clock characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fMCLK_Range
Input clock frequency range
2.048
-
49.152 MHz
DutyMCLK
Input clock duty cycle
40
-
60
%
tMCLK_RF
Input clock rise/fall time
-
-
0.2
ns
fXTI_Range
Input clock frequency range
2.048
-
49.152 MHz
DutyXTI
Input clock duty cycle
40
-
60
%
tXTI_RF
Input clock rise/fall time
-
-
0.2
ns
fBICLK1_Range
Input clock frequency range
2.048
-
49.152 MHz
DutyBICLK1
Input clock duty cycle
40
-
60
%
tBICLK1_RF
Input clock rise/fall time
-
-
0.2
ns
fCLKOUT_Range Output clock frequency range
-
-
49.152 MHz
Table 16.
Register setup to provide sys_clk from MCLK to PLL
Register
Address
Value
Description
PLLPFE
0xC4
0x80
Safety operational mode: automatic use of MCLK (or XTI)
as system clock if the PLL is not locked
PLLB
0xC9
0x00
Remove the PLL bypass and use its clock as system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com