Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 7Page - STMicroelectronics STA321 Datasheet HTML 8Page - STMicroelectronics STA321 Datasheet HTML 9Page - STMicroelectronics STA321 Datasheet HTML 10Page - STMicroelectronics STA321 Datasheet HTML 11Page - STMicroelectronics STA321 Datasheet HTML 12Page - STMicroelectronics STA321 Datasheet HTML 13Page - STMicroelectronics STA321 Datasheet HTML 14Page - STMicroelectronics STA321 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 157 page
background image
STA321
Pin description
Doc ID 15351 Rev 3
11/157
17
-
CLKOUT
Out (digital)
Buffered clock output
18
-
SDA
In/Out (digital)
I2C serial data
19
H
MUTE
In (digital)
Mute (active high)
21
-
REG_BYPASS
In (analog)
DC regulator bypass:
0: normal operation, regulator enabled
1: regulator bypassed
24
-
BIAS
In/Out (analog)
ADC microphone bias voltage
26
-
VLO
In (analog)
ADC low reference voltage
27
-
VHI
In (analog)
ADC high reference voltage
29
-
INR1
In/Out (analog)
ADC right channel line input1
30
-
INR2
In/Out (analog)
ADC right channel line input2
31
-
VCM
In/Out (analog)
ADC common mode voltage
32
-
INL2
In (analog)
ADC left channel line input2 or microphone input2
33
-
INL1
In (analog)
ADC left channel line input1 or microphone input1
34
H
RSTN
In (digital)
Reset:
0: reset state
1: normal operation
35
-
STBY
In (digital)
Standby mode:
0: normal operation
1: power-down
36
-
EAPWM4
Out (digital)
External amplifier PWM 4B
37
-
EAPWM3
Out (digital)
External amplifier PWM 4A
38
-
EAPWM2
Out (digital)
External amplifier PWM 3B
39
-
EAPWM1
Out (digital)
External amplifier PWM 3A
40
H
EAFTN
Out (digital)
External power fault signal:
0: fault
1: normal operational mode
41
-
EATSN
Out (digital)
External amplifier control:
0: active
1: 3-state
42
-
EAPDN
Out (digital)
External amplifier powerdown (active low)
43
-
ACLK
In (digital), schmitt tr Reserved pin, connect to ground
44
L
I2CDIS
In (digital)
I2C disable:
0: I2C enabled
1: I2C disabled
48
L
TM
In (digital)
Test mode:
0: normal operation
51
-
NC
-
Not connected
Table 2.
Pin list (continued)
Pin Pull
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com