Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 9Page - STMicroelectronics STA321 Datasheet HTML 10Page - STMicroelectronics STA321 Datasheet HTML 11Page - STMicroelectronics STA321 Datasheet HTML 12Page - STMicroelectronics STA321 Datasheet HTML 13Page - STMicroelectronics STA321 Datasheet HTML 14Page - STMicroelectronics STA321 Datasheet HTML 15Page - STMicroelectronics STA321 Datasheet HTML 16Page - STMicroelectronics STA321 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 157 page
background image
STA321
Electrical specifications
Doc ID 15351 Rev 3
13/157
3
Electrical specifications
3.1
Absolute maximum ratings
Note:
All grounds must always be within 0.3 V of each other.
3.2
Recommended operating conditions
Table 4.
Absolute maximum ratings
Pin name/Symbol
Parameter
Negative
Positive
Unit
VDD_REG1,
VDD_REG2
Digital supply voltage
-0.3
4.0
V
VDDIO1, VDDIO2
Digital IO supply voltage
-0.3
4.0
V
PVDD
PLL analog supply voltage
-0.3
4.0
V
AVDD
ADC analog supply voltage
-0.3
4.0
V
VCC1, VCC2, VCC3 CMOS bridge supply voltage
-0.3
4.0
V
VCC33
CMOS bridge level shifter power supply
-0.3
4.0
V
TSTG
Storage temperature
-40
150
°C
TOP
Operating junction temperature
-20
125
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VVDD_REG1,
VVDD_REG2
Digital supply voltage
2.5
3.3
3.6
V
VPVDD
PLL analog supply voltage
2.5
3.3
3.6
V
VAVDD
ADC analog supply voltage
1.8
3.3
3.6
V
VVCC1, VVCC2,
VVCC3
CMOS bridge supply voltage
1.55
-
3.3
V
VVCC33
CMOS bridge level shifter power supply.
Ensure that VVCC33 <= VVCCx always
1.55
-
3.3
V
VVDDIO1, VVDDIO2
3.3-V IO supply
2.7
3.3
3.6
V
VIH
High input voltage, 1.8-V pads
1.3
-
-
V
High input voltage, 3.3-V pads
2.0
-
-
VIL
Low input voltage, 1.8-V pads
-
-
0.6
V
Low input voltage, 3.3-V pads
-
-
0.8
Tamb
Ambient temperature
0
-
70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com