Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 52Page - STMicroelectronics STA321 Datasheet HTML 53Page - STMicroelectronics STA321 Datasheet HTML 54Page - STMicroelectronics STA321 Datasheet HTML 55Page - STMicroelectronics STA321 Datasheet HTML 56Page - STMicroelectronics STA321 Datasheet HTML 57Page - STMicroelectronics STA321 Datasheet HTML 58Page - STMicroelectronics STA321 Datasheet HTML 59Page - STMicroelectronics STA321 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 157 page
background image
FFX
STA321
56/157
Doc ID 15351 Rev 3
7.4
Ternary mode
The ternary mode feature is also available. It is activated by bits TERNARY_n in registers
PWMOnCFG0 beginning on page 91 (where n is the number, 1 to 4, of the output).
This feature overrides the PWM mode bits settings PM_nA and PM_nB.
Figure 33.
Ternary modulation
7.5
Minimum pulse limitation
The FFX modulator has a minimum pulse limitation feature which has a double purpose:
to limit the maximum/minimum duty cycle when the audio signal is near to full scale;
to have the commutations on the same channel outputs A and B separated by a
minimum pulse distance.
The first feature is always enabled.
The second feature is enabled with register bit PWMOnCFG0.MP_ZERO_n, where n is the
output 1 to 4. It is possible to prevent the commutations on outputs A and B to happen
exactly at the same time using bit AZPLS_n. The minimum pulse size is determined by the
number of system clock (98.304 MHz) periods programmed in bits MIN_PLS_n[3:0].
A: 10
B: 10
A: 00
B: 01
PWM mode
Phase
shift
New
phase
shift
A: 10
B: 10
A: 00
B: 01
Ternary
TERNARY_n
= 0
TERNARY_n
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com