Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 74 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 70Page - STMicroelectronics STA321 Datasheet HTML 71Page - STMicroelectronics STA321 Datasheet HTML 72Page - STMicroelectronics STA321 Datasheet HTML 73Page - STMicroelectronics STA321 Datasheet HTML 74Page - STMicroelectronics STA321 Datasheet HTML 75Page - STMicroelectronics STA321 Datasheet HTML 76Page - STMicroelectronics STA321 Datasheet HTML 77Page - STMicroelectronics STA321 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 157 page
background image
Headphone detection
STA321
74/157
Doc ID 15351 Rev 3
12.2
Configuration example
This is an example of the register setup for headphones detection. It is assumed that every
peripheral is already configured and working correctly.
There are other configuration examples to help you get started please refer to other
chapters and also to Chapter 14: Register description on page 77 in order to get all the
necessary and complementary details.
Table 32 and Table 33 below give a possible setup for the headphones detection
configurations shown in Figure 51 and Figure 52, respectively.
Note:
The pullup on HPDET pad must always be disabled before using the HPDET function.
Note:
Comparator 1 and comparator 2 cannot be enabled simultaneously.
Table 32.
Headphone detection configuration sequence for binary SE
Register
Value
Description
MISC on page 135
0x21
Enable core clock
PLLB on page 136
0x00
Use PLL clock
User FFX and CMOS bridge configuration
HPDET2 on page 138
0x80
Disable the HP_DET pull-up
HPDET1 on page 137
0x57
Use HP1 for hpdet filter; polarity = high; action =
mute; mod = binary SE; average time 170 ms.
HPDET2 on page 138
0x80
Select E_HP1 comparator
FFXCFG1 on page 81
0x00
Remove the tristate from the bridges
Table 33.
Headphone detection configuration sequence for binary headphone
Register
Value
Description
MISC on page 135
0x21
Enable core clock
PLLB on page 136
0x00
Use PLL clock
User FFX and CMOS bridge configuration
HPDET2 on page 138
0x80
Disable the HP_DET pull-up
HPDET1 on page 137
0x5F
Use HP1 for hpdet filter; polarity = high; action =
mute; mod = binary HP; average time 170 ms.
HPDET2 on page 138
0x80
Select E_HP1 comparator
FFXCFG1 on page 81
0x00
Remove the tristate from the bridges



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com