Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 68Page - STMicroelectronics STA321 Datasheet HTML 69Page - STMicroelectronics STA321 Datasheet HTML 70Page - STMicroelectronics STA321 Datasheet HTML 71Page - STMicroelectronics STA321 Datasheet HTML 72Page - STMicroelectronics STA321 Datasheet HTML 73Page - STMicroelectronics STA321 Datasheet HTML 74Page - STMicroelectronics STA321 Datasheet HTML 75Page - STMicroelectronics STA321 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 157 page
background image
Headphone detection
STA321
72/157
Doc ID 15351 Rev 3
12
Headphone detection
The headphone detector circuit, shown in Figure 51, is made with two schmitt-trigger
comparators (with different thresholds) which sense the value of the HPDECT input voltage
and modifies the HP_DET1 or the HP_DET2 level as given in Table 30 and Table 31 below.
The comparators are enabled or disabled with bits E_HP1 and E_HP2 in register HPDET2
on page 138
The comparator output status is provided via bits 1 and 0 of register HPDET2 on page 138.
One of the comparator outputs is then selected with register bit HPDET1.HPD_SEL, and
that signal is passed through a digital debouncing filter and supplied to the FFX modulator.
The PWM outputs are then modified depending on the settings of register bits
HPDST.HP_DET_FILT and HPDET1.HPD_ACT_MODE.
Table 30.
Headphone 1 detector
E_HP1
(register HPDET2)
HP-jack status
HP_DET voltage
HP_DET1
Status register bit
HPDST.HP_DET_FILT
1
Unplugged
Low
0
-
1
Plugged
High
1
-
0X
X
1
-
Table 31.
Headphone 2 detector
E_HP2
(register HPDET2)
HP-jack status
HP_DET voltage
HP_DET2
Status register bit
HPDST.HP_DET_FILT
1
Unplugged
Low
1
-
1
Plugged
High
0
-
0X
X
1
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com