Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 82 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 78Page - STMicroelectronics STA321 Datasheet HTML 79Page - STMicroelectronics STA321 Datasheet HTML 80Page - STMicroelectronics STA321 Datasheet HTML 81Page - STMicroelectronics STA321 Datasheet HTML 82Page - STMicroelectronics STA321 Datasheet HTML 83Page - STMicroelectronics STA321 Datasheet HTML 84Page - STMicroelectronics STA321 Datasheet HTML 85Page - STMicroelectronics STA321 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 157 page
background image
Register description
STA321
82/157
Doc ID 15351 Rev 3
FFXCFG0
Address:
0x01
Type:
RW
Reset:
0x07
Description:
76
54
3
2
1
0
MUTE3
MUTE2
MUTE1
MUTE0
PWM00_3A
BAD_IN_M
BAD_CKS_M
MIS_BICK_M
[7] MUTE3
0: normal behaviour
1: force the mute in the channel 3
[6] MUTE2
0: normal behaviour
1: force the mute in the channel 2
[5] MUTE1
0: normal behaviour
1: force the mute in the channel 1
[4] MUTE0
0: normal behaviour
1: force the mute in the channel 0
[3] PWM00_3A
0: output PWM00 is driven by FFX (default)
1: output PWM00 comes from FFX output PWM3A and is not sensitive to bridge power-down or
3-state states
[2] BAD_IN_M
Depending on the bit 0 and bit 1 settings
0: mute with a ramp
1: mute instantaneously
[1] BAD_CKS_M
0: FFX not muted
1: FFX muted if biclk and lrclk do not meet the specification
[0] MIS_BICK_M
0: FFX not muted
1: FFX will be muted if biclk is missing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com