Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 8Page - STMicroelectronics STA321 Datasheet HTML 9Page - STMicroelectronics STA321 Datasheet HTML 10Page - STMicroelectronics STA321 Datasheet HTML 11Page - STMicroelectronics STA321 Datasheet HTML 12Page - STMicroelectronics STA321 Datasheet HTML 13Page - STMicroelectronics STA321 Datasheet HTML 14Page - STMicroelectronics STA321 Datasheet HTML 15Page - STMicroelectronics STA321 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 157 page
background image
Pin description
STA321
12/157
Doc ID 15351 Rev 3
52
-
XTO
Out (digital), 1.8 V
Crystal output
53
-
XTI
In (digital), 1.8 V
Crystal input or master clock input
54
-
MCLK
In (digital), schmitt tr Master clock input 3.3-V compatible, schmitt input
55
-
SDATAI2
In (digital)
Input serial audio interface data
56
-
SDATAI1
In (digital)
Input serial audio interface data
57
-
SDATAO2
Out (digital)
Output serial audio interface data
58
-
SDATAO1
Out (digital)
Output serial audio interface data
59
-
LRCLKI2
In/Out (digital)
Input serial audio interface L/R-clock
60
-
LRCLKI1
In/Out (digital)
Input serial audio interface L/R-clock
61
-
LRCLKO
In/Out (digital)
Output serial audio interface L/R-clock
(volume DOWN when I2CDIS=1)
62
-
BICLKI2
In/Out (digital)
Input serial audio interface bit clock
63
-
BICLKI1
In/Out (digital)
Input serial audio interface bit clock
64
-
BICLKO
In/Out (digital)
Output serial audio interface bit clock
(volume UP when I2CDIS=1)
Table 3.
Power supply pin list
Number
Name
Type
Description
2
VCC1
Supply
CMOS bridge channel 1 supply
4
GND1
Ground
CMOS bridge channel 1 ground
5
GND2
Ground
CMOS bridge channel 2 ground
7
VCC2
Supply
CMOS bridge channel 2 supply
8
VCC3
Supply
CMOS bridge channel 3 supply
10
GND3
Ground
CMOS bridge channel 3 ground
15
GND33
Ground
CMOS bridge level shifter ground
16
VCC33
Supply
CMOS bridge level shifter supply
20
DGND1
Ground
Digital ground
22
VDD_REG1
Supply
DC regulator unit supply
23
VDDIO1
Supply
3.3-V IO supply
25
AGND
Ground
ADC analog ground
28
AVDD
Supply
ADC analog supply
45
DGND2
Ground
Digital ground
46
VDD_REG2
Supply
DC regulator unit supply
47
VDDIO2
Supply
3.3-V IO supply
49
PVDD
Supply
PLL analog supply
50
PGND
Ground
PLL analog ground
Table 2.
Pin list (continued)
Pin Pull
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com