Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 16Page - STMicroelectronics STA321 Datasheet HTML 17Page - STMicroelectronics STA321 Datasheet HTML 18Page - STMicroelectronics STA321 Datasheet HTML 19Page - STMicroelectronics STA321 Datasheet HTML 20Page - STMicroelectronics STA321 Datasheet HTML 21Page - STMicroelectronics STA321 Datasheet HTML 22Page - STMicroelectronics STA321 Datasheet HTML 23Page - STMicroelectronics STA321 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 157 page
background image
Power-up and power-down sequences
STA321
20/157
Doc ID 15351 Rev 3
4
Power-up and power-down sequences
4.1
Device power-up
After providing the power supply to the device, it is necessary to wait until the DC regulator
PWUP time has elapsed before the device can be set up and used for normal operations.
(see Figure 7).
Figure 7.
Startup sequence
Table 8.
Power-up signal description
Signal/pin
Type
Description
VDDIO
Supply
Power supply of the digital pads (= VDDIO1,2)
VDD_REG
Supply
Power supply of the system core (= VDD_REG1,2)
PVDD
Supply
Power supply of the PLL
STBY
In (digital)
External standby signal provided by the user
RSTN
In (digital)
External reset signal provided by the user
PWDN
Internal
Power-down of the DC regulator cell, controlled by the core
A. OK
Internal
DC regulator status, when active the 1.8 V is provided to the core
I2C read
In (I2C)
Configuration commands coming to the I2C interface
I2C clock
Internal
I2C peripheral clock
XTI/MCLK
In (digital)
Clock input source
DC reg. PWUP time
Device in reset mode
Vdd ramp
RSTN (active L)
STBY (active H)
DC Reg. PWDN
(active High)
(active High)
DC Reg. A. OK
I2C Writings
I2C CLK
XTI /MCLK
VDDIO
VDDREG
PVDD
3v3
2v2
User configuration via I
2C
VVDDIO
VVDD_REG
VPVDD
STBY (active H)
RSTN (active L)
PWDN (active H)
A.OK (active H)
I
2
C read
I
2
C clock
XTI / MCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com