Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 95 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 95 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 91Page - STMicroelectronics STA321 Datasheet HTML 92Page - STMicroelectronics STA321 Datasheet HTML 93Page - STMicroelectronics STA321 Datasheet HTML 94Page - STMicroelectronics STA321 Datasheet HTML 95Page - STMicroelectronics STA321 Datasheet HTML 96Page - STMicroelectronics STA321 Datasheet HTML 97Page - STMicroelectronics STA321 Datasheet HTML 98Page - STMicroelectronics STA321 Datasheet HTML 99Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
95/157
PWMO3CFG2
Address:
0x19
Type:
RW
Reset:
0x68
Description:
PWMO4CFG0
Address:
0x1A
Type:
RW
Reset:
0x00
Description:
765
432
10
PM_3B[1:0]
PS_3B[5:0]
[7:6] PM_3B[1:0]: PWM mode
00: generate a rising edge using a down carrier
01: generate a falling edge using an up carrier
10: hybrid mode: alternation of modes 00 and 01
11: hybrid mode: alternation of modes 01 and 00
[5:0] PS_3B[5:0]: PWM shift
The PWM waveform could be shifted by (PS_3B * clock period / 64)
7
6
5
4
3210
AZPLS_4
TERNARY_4
HALFB_4
MP_ZERO_4
MIN_PLS_4[3:0]
[7] AZPLS_4
1: avoid zero pulse
[6] TERNARY_4
1: ternary modulation
[5] HALFB_4
1: 4B is modulated as null signal
[4] MP_ZERO_4
1: apply the minimum pulse settings also for values near 0
[3:0] MIN_PLS_4[3:0]
Minimum pulse length = clock period * (MIN_PLS_4 + 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com