Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 27Page - STMicroelectronics STA321 Datasheet HTML 28Page - STMicroelectronics STA321 Datasheet HTML 29Page - STMicroelectronics STA321 Datasheet HTML 30Page - STMicroelectronics STA321 Datasheet HTML 31Page - STMicroelectronics STA321 Datasheet HTML 32Page - STMicroelectronics STA321 Datasheet HTML 33Page - STMicroelectronics STA321 Datasheet HTML 34Page - STMicroelectronics STA321 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 157 page
background image
STA321
Clock management
Doc ID 15351 Rev 3
31/157
5.2
Peripheral clock manager
This block manages the clocks of the core processing peripherals ADC, FFX, PROC
(including memories and SAI interfaces) and SRC.
A clock divider (by 2) is attached before every block except the FFX.
Each block is attached to a global gating cell and to a dedicated one. This allows a flexible
power-consumption management because it is possible to turn off either the whole
processing chain or just a single block. The only exception is the I2C peripheral clock which
is disabled only when the device is in hardware power-down mode. In all the other cases this
clock remains active.
5.3
Fractional PLL
The PLL specifications are given in Table 6 on page 14.
Figure 12.
PLL block diagram
5.3.1
PLL block description
Phase/frequency detector (PFD)
This block compares the phase difference between the corresponding rising edges of the
F_INT and the clock coming from the loop frequency divider.
It generates voltage pulses with widths proportional to the input phase error.
Charge pump and loop filter (LPF/CPUMP)
This block converts the voltage pulses from the phase/frequency detector to current pulses
which charge the loop filter and generate the control voltage for the voltage controlled
oscillator (VCO).
Lock detect
Buffer
Loop freq. divider
LDF
PFD
VCO
LPF
cpump
IDF
Input freq. divider
Fractional
controller
DITHER
Disable
FRAC
Input
CLKIN
PLL_PWDN
LOCKP
NDIV
PLLCFG0(5-4)
PLLCFG1(7-0)
PLLCFG2(7-0)
pll_strb
pll_strbbyp
pll_fr_ctrl
PLLCFG3(5-0)
PLLCFG3(7)
PLLCFG3(6)
PLLCFG0(6)
PLLCFG0(3-0)
IDF
FVCO
PLL_CLK_in
F_INT
pll_clk_in
CLKIN
PLLCFG0[3:0]
IDF
PLL_PWDN
PLLCFG3[7]
PLL_STRB
PLL_STRBBYP
PLL_FR_CTRL
PLLCFG3[6]
PLLCFG0[6]
LOCKP
FVCO
DITHER
Disable
PLLCFG0[5:4]
FRAC
Input
NDIV
PLLCFG2[7:0]
PLLCFG1[7:0]
PLLCFG3[5:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com