Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 58Page - STMicroelectronics STA321 Datasheet HTML 59Page - STMicroelectronics STA321 Datasheet HTML 60Page - STMicroelectronics STA321 Datasheet HTML 61Page - STMicroelectronics STA321 Datasheet HTML 62Page - STMicroelectronics STA321 Datasheet HTML 63Page - STMicroelectronics STA321 Datasheet HTML 64Page - STMicroelectronics STA321 Datasheet HTML 65Page - STMicroelectronics STA321 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 157 page
background image
CMOS power stage
STA321
62/157
Doc ID 15351 Rev 3
At the appropriate time the two pop-free resistors allow the bypass capacitor to be charged
to VCCx / 2. The STA321 generates automatically the bridge start-up and switch-off
sequence to provide the correct charging. The time TT in Figure 38 below is set using
registers CBTTF0-1 and CBTTP0-1. TT must be chosen for the specific application
depending on the decoupling capacitor, load and power supply.
After powerdown is applied again the decoupling capacitor discharges slowly due to
capacitor leakage.
The analog pop-free implementation cannot be used with the digital pfStart implementation
Both analog and digital pop-free features must be disabled if binary headphone modulation
is used.
Figure 38.
Analog pop-free start-up and switch-off sequence
The CMOS bridge circuit includes over-current protection. The FAULT signal indicates to the
output the status of the over-current condition due to a short circuit. The over-current
thresholds detected by the CMOS bridge are fixed at 1.8 A.
Table 26.
Logic circuit at bridge input
Powerdown
Tristate
PopFree
Pop-free resistors
Bridge status
000Disconnected
3-state
001Disconnected
3-state
101Connected
3-state
111Disconnected
On
110Disconnected
On
Powerdown
PFE
Tristate
V(capacitor)
Vcc / 2
TT
TT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com