Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 77 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 73Page - STMicroelectronics STA321 Datasheet HTML 74Page - STMicroelectronics STA321 Datasheet HTML 75Page - STMicroelectronics STA321 Datasheet HTML 76Page - STMicroelectronics STA321 Datasheet HTML 77Page - STMicroelectronics STA321 Datasheet HTML 78Page - STMicroelectronics STA321 Datasheet HTML 79Page - STMicroelectronics STA321 Datasheet HTML 80Page - STMicroelectronics STA321 Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 157 page
background image
STA321
Register description
Doc ID 15351 Rev 3
77/157
14
Register description
Table 34.
Register summary
Register
Addr
76543210
FFXCFG1
0x00
EA_STBY
CB_STBY
EA_TRIST
FFX_ULCK_PLL
CB_TRIST2
CB_TRIST1
CB_TRIST0
FFXCFG0
0x01
MUTE3
MUTE2
MUTE1
MUTE0
PWM00_3A
BAD_IN_M
BAD_CKS_M
MIS_BICK_M
FFXCFG2
0x02
RESET
_NOISH
PWM_FREQ
NS_ORD[1:0]
EA_TSFT_ON
CB_TSFT_ON
EA_PFDIG
CB_PFDIG
PWMMAP1
0x03
CB1_MAP[2:0]
CB2_MAP[2:0]
CB3_MAP[2:1]
PWMMAP2
0x04
CB3_MAP[0]
PWM00_MAP[2:0]
EA1A_MAP[2:0]
EA1B_MAP[2]
PWMMAP3
0x05
EA1B_MAP[1:0]
EA2A_MAP[2:0]
EA2B_MAP[2:0]
EATTF0
0x06
EATTF[7:0]
EATTF1
0x07
EATTF[7:0]
EATTP0
0x08
EATTP[15:8]
EATTP1
0x09
EATTP[7:0]
CBTTF0
0x0A
CBTTF[15:8]
CBTTF1
0x0B
CBTTF[7:0]
CBTTP0
0x0C
CBTTP[15:8]
CBTTP1
0x0D
CBTTP[7:0]
FFXST
0x0E
EA_MPWM
CB_MPWM
EARMP_ST[1:0]
CBRMP_ST[1:0]
EABINSS_AC
CBBINSS_AC
POWST
0x0F
Reserved
EA_TW
EA_PD
EA_FT
EA_TS
POWST1
0x10
Reserved
CB_PD
CB_FT[2:0]
CB_TS[2:0]
PWMO1CFG0
0x11
AZPLS_1
TERNARY_1
HALFB_1
MP_ZERO_1
MIN_PLS_1[3:0]
PWMO1CFG1
0x12
PM_1A[1:0]
PS_1A[5:0]
PWMO1CFG2
0x13
PM_1B[1:0]
PS_1B[5:0]
PWMO2CFG0
0x14
AZPLS_2
TERNARY_2
HALFB_2
MP_ZERO_2
MIN_PLS_2[3:0]
PWMO2CFG1
0x15
PM_2A[1:0]
PS_2A[5:0]
PWMO2CFG2
0x16
PM_2B[1:0]
PS_2B[5:0]
PWMO3CFG0
0x17
AZPLS_3
TERNARY_3
HALFB_3
MP_ZERO_3
MIN_PLS_3[3:0]
PWMO3CFG1
0x18
PM_3A[1:0]
PS_3A[5:0]
PWMO3CFG2
0x19
PM_3B[1:0]
PS_3B[5:0]
PWMO4CFG0
0x1A
AZPLS_4
TERNARY_4
HALFB_4
MP_ZERO_4
MIN_PLS_4[3:0]
PWMO4CFG1
0x1B
PM_4A[1:0]
PS_4A[5:0]
PWMO4CFG2
0x1C
PM_4B[1:0]
PS_4B[5:0]
CB_PFRAMP1
0x20
CBRMP_MP[5:0]
Reserved
CB_PFRAMP2
0x21
CBRMPINI[15:8]
CB_PFRAMP3
0x22
CBRMPINI[7:0]
CB_PFRAMP4
0x23
CBTIM_RMP[3:0]
Reserved
CB_PFRAMP5
0x24
CBRMPTH[15:8]
CB_PFRAMP6
0x25
CBRMPTH[7:0]
EA_PFRAMP1
0x26
EARMP_MP[5:0]
Reserved
EA_PFRAMP2
0x27
EARMPINI[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com