Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 18Page - STMicroelectronics STA321 Datasheet HTML 19Page - STMicroelectronics STA321 Datasheet HTML 20Page - STMicroelectronics STA321 Datasheet HTML 21Page - STMicroelectronics STA321 Datasheet HTML 22Page - STMicroelectronics STA321 Datasheet HTML 23Page - STMicroelectronics STA321 Datasheet HTML 24Page - STMicroelectronics STA321 Datasheet HTML 25Page - STMicroelectronics STA321 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 157 page
background image
Power-up and power-down sequences
STA321
22/157
Doc ID 15351 Rev 3
4.2.1
Configuration example
This is an example of the register setup for power-down clock. It is assumed that every
peripheral is already configured and working correctly.
There are other configuration examples to help you get started please refer to other
chapters and also to Chapter 14: Register description on page 77 in order to get all the
necessary and complementary details.
Turn off all the peripherals.
Note:
The MCLK (or XTI) must be used as system clock (sys_clk) before setting the PLL to
standby.
Turn SRC clock off
CKOCFG[3]
0xC7 on page 134
Turn PROC clock off
CKOCFG[2]
0xC7
Turn FFX clock off
CKOCFG[4]
0xC7
Table 11.
Registers for power-down (continued)
Description
Register bit
Address
Table 12.
Example configurations for power-down
Register bit
Address
Value
Description
EA_STBY
CB_STBY
0x00 on page 81
0xC0
Set the embedded power amplifier and CMOS
bridge to power-down
CLK_FFX_ON
0xC7 on page 134 0x0C
Turn off the FFX modulator clock
ADC_STBY
0xC6 on page 133 0x09
Set the ADC into standby mode
CLK_ADC_ON
0xC6
0x80
Turn the ADC clock off
CLK_PROC_ON 0xC7
0x08
Turn the processing clock off
CLK_SRC_ON
0xC7
0x00
Turn the sample rate converter clock to off
PLL_BYP_UNL
0xC4 on page 132 0x80
Bypass the PLL clock and use MCLK (or XTI) as
source clock when the PLL is not locked (a
safety operational mode)
PLL_PWDN
0xC4
0xA0
Put the PLL in standby
CLK_CORE_ON 0xC8 on page 135 0x00
Turning off the core clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com