Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 21Page - STMicroelectronics STA321 Datasheet HTML 22Page - STMicroelectronics STA321 Datasheet HTML 23Page - STMicroelectronics STA321 Datasheet HTML 24Page - STMicroelectronics STA321 Datasheet HTML 25Page - STMicroelectronics STA321 Datasheet HTML 26Page - STMicroelectronics STA321 Datasheet HTML 27Page - STMicroelectronics STA321 Datasheet HTML 28Page - STMicroelectronics STA321 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 157 page
background image
STA321
Power-up and power-down sequences
Doc ID 15351 Rev 3
25/157
4.3.1
Mild power-down
In this case, the device is put into a mild power-down mode.
All the peripherals are set to standby and their clocks turned off.
The I2C configuration is not required as the default values of the registers are sufficient.
Initial conditions:
FFX_ULCK_PLL = 10
CMP_EN_N = 0
DC_STBY_EN = 0
Going into power-down:
After the assertion of the pin STBY, the following actions are taken by the device:
1.
Embedded amplifier (EA) and CMOS bridge (CB) volume are set to mute (the length of
this step changes according to the fade-out ramp configuration).
2.
EA and CB are put into power-down.
After the previous operation is completed:
3.
All peripherals are turned off (regardless the register settings).
4.
The PLL clock is bypassed, the system clock (sys_clk in Figure 11 on page 29) is XTI.
5.
All clocks are shut down.
Returning to normal mode:
After the release of the pin STBY, the power-up procedure takes place:
1.
All clocks are turned on.
2.
All peripherals are restored to their previous status (based on the last register settings).
3.
If the PLL clock was the system clock it will be selected again after the locking time.
4.
The EA and the CB execute the fade-in procedure before becoming ready to be used
(the length of this step changes according to the fade-in ramp configuration).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com