Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 57Page - STMicroelectronics STA321 Datasheet HTML 58Page - STMicroelectronics STA321 Datasheet HTML 59Page - STMicroelectronics STA321 Datasheet HTML 60Page - STMicroelectronics STA321 Datasheet HTML 61Page - STMicroelectronics STA321 Datasheet HTML 62Page - STMicroelectronics STA321 Datasheet HTML 63Page - STMicroelectronics STA321 Datasheet HTML 64Page - STMicroelectronics STA321 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 157 page
background image
STA321
CMOS power stage
Doc ID 15351 Rev 3
61/157
The CMOS bridge power rating can be calculated using the following formulas:
P (<1%) = (RL / 2) * (M * VCC / 2 / (RL + 2 * RDS))
2 for BTL
P (<1%) = (RL / 2) * (M * VCC / 2 / (RL + RDS))
2 for single ended
P (10%) = 1.28 * P(<1%)
where RDS is composed of the MOST RDSON and the board and connector parasitic
resistances (including power supplies and coils) and M is the modulation index obtained
from
M = 1 - 2 * (MIN_PLS_n + 1) / fclk_ffx / τS
where MIN_PLS_n is the value in register PWMOnCFG0 for channel n, fclk_ffx is the
frequency of the FFX clock and
τS is the PWM clock period (384 kHz or 768 kHz selected by
register bit FFXCFG2.PWM_FREQ).
For the CMOS bridge, MIN_PLS_n can be set to 0; this gives M = 0.9922.
The analog pop_free function is available in the CMOS bridge circuit by setting the
appropriate bridge start-up as per Table 26. The CMOS bridge enable and pop-free signals
are generated from the three signals Powerdown, Tristate and PopFree provided by the
digital core and controlled/configured through register bits FFXCFG1.CB_STBY,
FFXCFG1.CB_TRISTn and PFEFAULT.PFEn for the three outputs, n = 1 to 3.
Figure 37.
Analog pop-free schematic
Table 25.
Power output (at 1% THD) in headphone mode
Load, RL in Ω
Power, P in mW (for 3.3-V supply)
16
70
32
32
PFE & not(Tristate) & Powerdown
OutN
GNDx
VCCx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com