Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 63Page - STMicroelectronics STA321 Datasheet HTML 64Page - STMicroelectronics STA321 Datasheet HTML 65Page - STMicroelectronics STA321 Datasheet HTML 66Page - STMicroelectronics STA321 Datasheet HTML 67Page - STMicroelectronics STA321 Datasheet HTML 68Page - STMicroelectronics STA321 Datasheet HTML 69Page - STMicroelectronics STA321 Datasheet HTML 70Page - STMicroelectronics STA321 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 157 page
background image
STA321
Serial audio interface
Doc ID 15351 Rev 3
67/157
11.2
Slave mode
In this mode BICLKI/O and LRCLKI/O are configured as inputs and supplied by the external
peripheral.
Figure 43.
Timing diagram for slave mode
Table 28.
Timing parameters for master mode
Symbol
Parameter
Min
Typ
Max
Unit
tDL
LRCLKI/LRCLKO propagation delay from BICLK active
edge
0
-
10
ns
tDDA
SDATAI propagation delay from BICLKI/O active edge
0
-
15
ns
tDST
SDATAO setup time to BICLKI/O strobing edge
10
-
-
ns
tDHT
SDATAO hold time from BICLKI/O strobing edge
10
-
-
ns
Table 29.
Timing parameters for slave mode
Symbol
Parameter
Min
Typ
Max
Unit
tBCy
BICLK cycle time
50
-
-
ns
tBCH
BICLK pulse width high
20
-
-
ns
tBCL
BICLK pulse width low
20
-
-
ns
tLRSU
LRCLKI/LRCLKO setup time to BICLK strobing edge
10
-
-
ns
tLRH
LRCLKI/LRCLKO hold time to BICLK strobing edge
10
-
-
ns
tDS
SDATAO setup time to BICLK strobing edge
10
-
-
ns
tDH
SDATAO hold time to BICLK strobing edge
10
-
-
ns
tDD
SDATAI propagation delay from BICLK active edge
0
-
10
ns
BICLKI
BICLKO
LRCLKI
LRCLKO
SDATAO
SDATAI
tBCH
tBCL
tBCy
tDS
tLRH
tLRSU
tDH
tDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com