Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 40Page - STMicroelectronics STA321 Datasheet HTML 41Page - STMicroelectronics STA321 Datasheet HTML 42Page - STMicroelectronics STA321 Datasheet HTML 43Page - STMicroelectronics STA321 Datasheet HTML 44Page - STMicroelectronics STA321 Datasheet HTML 45Page - STMicroelectronics STA321 Datasheet HTML 46Page - STMicroelectronics STA321 Datasheet HTML 47Page - STMicroelectronics STA321 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 157 page
background image
Digital processing stage
STA321
44/157
Doc ID 15351 Rev 3
6.14
Memory programming
Table 22 on page 47 shows the RAM mapping for the programmable functions in the signal
processing stage. Changing or reading this data is done through the I2C interface in either
single-word mode or in multi-word mode. Register PROCCTRL on page 107 sets the
desired mode and whether to read or write:
1-word mode:
this is for write only; the address of the memory location must be specified in registers
START_ADDR2 and START_ADDR1 on page 108 and the value of the parameter must
be written into registers I2CB0_TOP, I2CB0_MID and I2CB0_BOT on page 102.
5-word mode:
in this case it is possible to write/read 5 contiguous locations. Only the address of the
first one must be specified in registers START_ADD1-2, all the others are generated
automatically. The values of the parameters must be placed in (or taken from) registers
I2CB0_TOP-BOT, I2CB1_TOP-BOT, I2CB2_TOP-BOT, I2CA1_TOP-BOT,
I2CA2_TOP-BOT.
The 5-word mode is particular useful during the biquad programming when a set of five
coefficients needs to be updated. Not only is it more efficient to change all of them at the
same time but it avoids the generation of possible unpleasant acoustical side-effects.
The following sections explain how to implement this programming using the I2C interface.
6.14.1
Writing one coefficient/location to RAM
Write RAM address to registers START_ADDR2 and START_ADDR1
(b0) Write 8 MSBs of coefficient in register I2CB0_TOP
Write 8 middle bits of coefficient in register I2CB0_MID
Write 8 LSBs of coefficient in register I2CB0_BOT
Write 1 to bit W1 in register PROCCTRL.
Figure 26.
Writing RAM location
START_ADDR[8:0]
Write address to
of coefficient
Write middle 8 bits
of coefficient
Write top 8 bits
of coefficient
Write bottom 8 bits
in PROC_CTRL
Write 1 to bit W1
0x60 = 0x01
0x61 = address[8]
0x62 = address[7:0]
0x51 = top_val
0x52 = mid_val
0x53 = bot_val



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com