Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 12Page - STMicroelectronics STA321 Datasheet HTML 13Page - STMicroelectronics STA321 Datasheet HTML 14Page - STMicroelectronics STA321 Datasheet HTML 15Page - STMicroelectronics STA321 Datasheet HTML 16Page - STMicroelectronics STA321 Datasheet HTML 17Page - STMicroelectronics STA321 Datasheet HTML 18Page - STMicroelectronics STA321 Datasheet HTML 19Page - STMicroelectronics STA321 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 157 page
background image
Electrical specifications
STA321
16/157
Doc ID 15351 Rev 3
ADC
IDDA
Supply current in operating mode
VAVDD = 3.3V
-
10
15
mA
ISTDBYA
AVDD supply current in standby
VAVDD = 3.3V
-
2
-
µA
DR
Dynamic range
1 kHz, A-weigthed
VAVDD = 3.3 V
-90
-
dB
SNRADC
Signal to noise ratio
1 kHz, A-weighted
VAVDD = 3.3 V
-92
-
dB
THDADC
Total harmonic distortion
1 kHz, -1dB
VAVDD = 3.3 V
-85
-
dB
CT
Channel cross talk
VAVDD = 3.3 V
-
80
-
dB
-
Group delay
Fs mode (fS = 32 kHz)
-
0.4
-
ms
Fs_by_2 mode (fS = 16 kHz) -
0.7
-
Fs_by_4 mode (fS = 8 kHz)
-
1.4
-
-
Pass band
-
-
0.4535 -
Fs
-
Pass band ripple
Fs mode (fS = 44.1 kHz)
-
0.08
-
dB
Fs_by_2 mode
(fS = 22.05 kHz)
-0.08
-
Fs_by_4 mode
(fS = 11.025 kHz)
-0.08
-
-
Stop band attenuation
Fs mode (fS = 44.1 kHz)
-
45
-
dB
Fs_by_2 mode
(fS = 22.05 kHz)
-45
-
Fs_by_4 mode
(fS = 11.025 kHz)
-45
-
-
Frequency response
-3 dB
-
7
-
Hz
-0.08 dB
-
50
-
Hz
-
Linear phase deviation
at 20 Hz
-
19.35
-
deg
-
Pass-band ripple
-
-
0.08
-
dB
Headphone detector threshold limits
E_HP1
HP low threshold
-
-
2.34
-
V
HP high threshold
-
-
2.52
-
E_HP2
HP low threshold
-
-
0.7
-
V
HP high threshold
-
-
0.9
-
Table 6.
Electrical specifications (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com