Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA321 Datasheet(PDF) 52 Page - STMicroelectronics

Part # STA321
Description  4-channel digital audio system with FFX??driver
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STA321 Datasheet HTML 48Page - STMicroelectronics STA321 Datasheet HTML 49Page - STMicroelectronics STA321 Datasheet HTML 50Page - STMicroelectronics STA321 Datasheet HTML 51Page - STMicroelectronics STA321 Datasheet HTML 52Page - STMicroelectronics STA321 Datasheet HTML 53Page - STMicroelectronics STA321 Datasheet HTML 54Page - STMicroelectronics STA321 Datasheet HTML 55Page - STMicroelectronics STA321 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 157 page
background image
FFX
STA321
52/157
Doc ID 15351 Rev 3
7
FFX
7.1
Functional description
Figure 29.
FFX processing schematic
The FFX modulator is a digital low-distortion low-noise PCM-to-PWM converter, based on a
pseudo-natural sampling technique, which converts the 4 by 24-bit digital inputs into
differential pulse-width modulated outputs at a frequency of either 384 or 768 kHz (selected
by register FFXCFG2, bit PWM_FREQ) and with a time resolution of 98.304 MHz. This
gives a dynamic range that is approaching 100 dB.
The signal is compared with two different carrier signals (rising and falling sawtooth
waveforms at the PWM frequency), to get a double edge modulation and to have the
possibility to drive a differential (full bridge) power stage.
The order of the noise shaper can be modified by the user, via register bit
FFXCFG2.NS_ORD, depending on the acceptable amount of noise out of the audio band,
that is, noise above 20 kHz. The higher the noise shaper order, the better is the SNR but the
higher is the out of band noise.
The PWM generator block converts the amplitude quantization into time quantization to
generate a PWM signal.
7.2
Modulation schemes
It is possible to use each of the two intersections with up-carrier and down-carrier to force a
rising or a falling edge on each of the two PWM outputs (A and B). This flexibility is achieved
through programming registers PWMOnCFG1-2 (where n is the number, 1 to 4, of the
output) beginning on page 91.
PWM output A can be modulated in one of, or a hybrid of, two basic ways via bits PM_nA:
with the wave starting from level 0 at the beginning of the period, and rising to level 1
when the audio signal intersects the down-carrier
with the wave starting from level 1 at the beginning of the period, and falling to level 0
when the audio signal intersects the up-carrier;
96 kHz
24 bits
3
rd, 4th, 5th -order
noise
shaper
1536 kHz
24 bits
PWM
generator
384/768 kHz
8/7 bits
pwm
a
dw
up
Intersector
pwm
b
d
in
up
dw
384/768 kHz
1 bits
dw
up
16x
oversampling
stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com