Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXG1027TM Datasheet (PDF) - Sony Corporation

CXG1027TM Datasheet PDF - Sony Corporation
Part # CXG1027TM
Download  CXG1027TM Download
File Size   158.51 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Driver Amplifier for Transmission

CXG1027TM Datasheet (PDF)

Go To PDF Page Download Datasheet
CXG1027TM Datasheet PDF - Sony Corporation

Part # CXG1027TM
Download  CXG1027TM Click to download

File Size   158.51 Kbytes
Page   6 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description Driver Amplifier for Transmission

CXG1027TM Datasheet (HTML) - Sony Corporation


CXG1027TM Product details

Description
The CXG1027TM is a two-stage driver amplifier for 800 MHz and 1.5 GHz PDC. This is used to amplify the transmission-side power of the RF signal.

Features
• Ultraminiature package (10 pin TSSOP)
• Low voltage operation : 2.9 V (Min.)
• Low current consumption : 45 mA (Typ.)
• High gain : 27.5 dB (Typ.) (for 1.5 GHz)
                    29.5 dB (Typ.) (for 800 MHz)
• Low distortion (Adjacent channel leak power ratio) : –50 dBc (Typ.) (30 kHz offset)
                                                                                     –69 dBc (Typ.) (50 kHz offset)
• Positive power supply operation (Adjustment-free for VGG)
• Supports both 800 MHz and 1.5 GHz by the external matching circuit

Applications
    Power amplification between the quadrature modulator IC for 800 MHz/1.5 GHz PDC transmitter (approx. –15 dBm output) and the power module or power amplifier MMIC (approx. +10 dBm input)




Similar Part No. - CXG1027TM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1022 SONY-CXG1022 Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1022TM SONY-CXG1022TM Datasheet
76Kb / 4P
High-Frequency SPDT Antenna Switch
CXG1024N SONY-CXG1024N Datasheet
94Kb / 6P
High-Frequency SPDT Antenna Switch
CXG1028ATN SONY-CXG1028ATN Datasheet
81Kb / 7P
GSM900/1800/1900 SPDT TX/RX Switch
More results


Similar Description - CXG1027TM

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNC1S171 PANASONIC-CNC1S171 Datasheet
53Kb / 3P
Optoisolator(For isolated signal transmission)
CND0201A PANASONIC-CND0201A Datasheet
32Kb / 2P
Optical Transmission Module for IrDA
logo
Murata Manufacturing Co...
KMP_DA100 MURATA-KMP_DA100 Datasheet
127Kb / 3P
Transformers for Digital Audio Data Transmission
logo
PCA ELECTRONICS INC.
EPA3447G PCA-EPA3447G Datasheet
14Kb / 1P
Transformer for Digital Audio Data Transmission
logo
Japan Aviation Electron...
FI-R JAE-FI-R Datasheet
607Kb / 15P
Connector for Internal Serial Transmission
logo
Sanyo Semicon Device
LA7793V SANYO-LA7793V Datasheet
71Kb / 4P
With Driver amplifier for ADC AGC amplifier
logo
Pulse A Technitrol Comp...
PE-65612NL PULSE-PE-65612NL Datasheet
393Kb / 2P
TRANSFORMERS FOR DIGITAL AUDIO DATA TRANSMISSION
logo
M/A-COM Technology Solu...
MAAM-011167 MA-COM-MAAM-011167 Datasheet
1Mb / 10P
Stage Driver Amplifier for E Band
logo
NXP Semiconductors
MMG30301B NXP-MMG30301B Datasheet
1Mb / 28P
Driver or Pre--driver Amplifier for Doherty Power Amplifiers
Rev. 0, 10/2016
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com