Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FI-R Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

FI-R Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # FI-R
Download  FI-R Download
File Size   607.67 Kbytes
Page   15 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description Connector for Internal Serial Transmission

FI-R Datasheet (PDF)

Go To PDF Page Download Datasheet
FI-R Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # FI-R
Download  FI-R Click to download

File Size   607.67 Kbytes
Page   15 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description Connector for Internal Serial Transmission

FI-R Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.


FI-R Product details

Connector for Internal Serial Transmission



High-speed serial transmission such as LVDS, TMDS (HDMI), and PCI Express are widely used in applications in a variety ofmarkets including the personal computer, TV, consumer device,copier, and medical device markets.

In these applications connectors not only need to have the ability to transmit signals at high speed, but they also must have the durability, ease of mating, and variety of options to respond to the demands of all designs. The FI-R is the ideal connector series to meet these demands.



Features

•0.5mm terminal pitch, 3.8mm connector, compact design with 21, 31, 41, and 51 positions.

•Stable mating with large mating guides on the Plug.

•Strong PCB retention with solderhold-downs on the Receptacle.

•Impedance matching: 100 ohm. Ground reinforced by shell structure and hold-downs.

•Receptacle options include with and without shell, and right-angle and straight types, all with a common footprint.

•Mechanical lock to prevent mis-mating and accidental unmating.

•Plug options for discrete wire crimping, fine coaxial wire soldering,and FFC to suit a variety of needs.

•VESA standard connector for TV LCD interface.



 




Similar Part No. - FI-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-R21S-HF JAE-FI-R21S-HF Datasheet
144Kb / 1P
NO SHIELD TYPE
FI-R31S-HF JAE-FI-R31S-HF Datasheet
144Kb / 1P
NO SHIELD TYPE
FI-R41S-HF JAE-FI-R41S-HF Datasheet
144Kb / 1P
NO SHIELD TYPE
FI-R51S-HF JAE-FI-R51S-HF Datasheet
144Kb / 1P
NO SHIELD TYPE
FI-RC3-1A-1E-15000 JAE-FI-RC3-1A-1E-15000 Datasheet
121Kb / 1P
APPLICABLE WIRE: #30~#36 AWG. STANDERD
More results


Similar Description - FI-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
STV1602A STMICROELECTRONICS-STV1602A Datasheet
289Kb / 22P
SERIAL INTERFACE TRANSMISSION DECODER
Dec-1992
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
Serial Interface/Transmission Encorder
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
Serial Interface/Transmission Encorder
logo
List of Unclassifed Man...
SBX1639-02 ETC1-SBX1639-02 Datasheet
29Kb / 2P
SERIAL DATA TRANSMISSION EQUALIZER AND RE-GENERATOR
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
2863627 PHOENIX-2863627 Datasheet
470Kb / 20P
Inline terminal for serial data transmission
6878 PHOENIX-6878 Datasheet
1Mb / 28P
Inline terminal for serial data transmission
6985 PHOENIX-6985 Datasheet
470Kb / 20P
Inline terminal for serial data transmission
8235 PHOENIX-8235 Datasheet
286Kb / 22P
Inline communication terminal for serial data transmission
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com