Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet (PDF) - STMicroelectronics

STV1602A Datasheet PDF - STMicroelectronics
Part # STV1602A
Download  STV1602A Download
File Size   289.67 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL INTERFACE TRANSMISSION DECODER

STV1602A Datasheet (PDF)

Go To PDF Page Download Datasheet
STV1602A Datasheet PDF - STMicroelectronics

Part # STV1602A
Download  STV1602A Click to download

File Size   289.67 Kbytes
Page   22 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description SERIAL INTERFACE TRANSMISSION DECODER

STV1602A Datasheet (HTML) - STMicroelectronics


STV1602A Product details

DESCRIPTION
The STV1602Ais a Hybrid IC decoder which converts serial data coming from a serial transmission line into parallel data.

BUILT-IN AUTOMATIC EQUALIZER FOR UP TO 30dB ATTENUATION AT 135MHz (TYPICALLY 300m OF HIGH-GRADE COAXIAL CABLE), PLL CIRCUIT FOR RECLOCKING, ANDSERIAL-PARALLEL CONVERSION CIRCUIT.
THIS SERIAL TRANSMISSION DECODER REQUIRESONLY FEW EXTERNAL COMPONENTS. OTHER RELATED IC’s INCLUDE :
■ STV1601A, A SERIAL TRANSMISSION ENCODER (PARALLEL-TO-SERIAL CONVERSION)
■ STV1389AQ COAXIAL CABLE DRIVER

FUNCTIONS
■ Cable equalizer (maximum gain : 30dB at 135MHz)
■ PLL for serial clock generation
■ Reclocked repeater output (active loop through)
■ Descrambler : modulo-2 multiplication by G(x) = (x9 + x4 + 1) (x + 1)
■ Parallel-to-serial conversion
■ Sync monitor output
■ Eye pattern monitoring
■ Input signal detector

APPLICATIONS
SERIAL DATA TRANSMISSION DECODER
■ 100 to 270 Mb/s

APPLICATIONS EXAMPLES
■ Serial data transmission of digital television signals 525-625 lines
■ 4:2:2 component 270Mb/s (10-bit)
■ 4*fsc PAL composite 177Mb/s (10-bit)
■ 4*fsc NTSC Composite 143Mb/s (10-bit)




Similar Part No. - STV1602A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
STV160NF02L STMICROELECTRONICS-STV160NF02L Datasheet
96Kb / 8P
N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
Jun-1999
STV160NF02LA STMICROELECTRONICS-STV160NF02LA Datasheet
531Kb / 8P
N-CHANNEL 20V - 0.0018W - 160A PowerSO-10 STripFET TM POWER MOSFET
Dec-2000
STV160NF02LT4 STMICROELECTRONICS-STV160NF02LT4 Datasheet
355Kb / 8P
N-CHANNEL 20V - 0.0016Ω - 160A PowerSO-10 STripFET™II POWER MOSFET
Feb-2004
STV160NF02L STMICROELECTRONICS-STV160NF02L_04 Datasheet
327Kb / 8P
N - CHANNEL 20V - 0.0016ohm - 160A - PowerSO-10 STripFET MOSFET
Feb-2004
More results


Similar Description - STV1602A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
Serial Digital Video Decoder
logo
STMicroelectronics
STV1601A STMICROELECTRONICS-STV1601A Datasheet
244Kb / 17P
SERIAL INTERFACE TRANSMISSION ENCODER
Nov-1992
logo
Gennum Corporation
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
Serial Digital Decoder
logo
Sony Corporation
SBX1601A SONY-SBX1601A Datasheet
877Kb / 24P
Serial Interface/Transmission Encorder
SBX1602A SONY-SBX1602A Datasheet
1Mb / 27P
Serial Interface/Transmission Encorder
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
logo
National Semiconductor ...
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
Serial Digital Video Decoder
logo
Japan Aviation Electron...
FI-R JAE-FI-R Datasheet
607Kb / 15P
Connector for Internal Serial Transmission
logo
Motorola, Inc
MC14499 MOTOROLA-MC14499 Datasheet
165Kb / 8P
7-Segment LED Display Decoder/Driver with Serial Interface
logo
PHOENIX CONTACT
2861357 PHOENIX-2861357 Datasheet
570Kb / 25P
Inline terminal for serial data transmission
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com