Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 4Page - STMicroelectronics STV1602A Datasheet HTML 5Page - STMicroelectronics STV1602A Datasheet HTML 6Page - STMicroelectronics STV1602A Datasheet HTML 7Page - STMicroelectronics STV1602A Datasheet HTML 8Page - STMicroelectronics STV1602A Datasheet HTML 9Page - STMicroelectronics STV1602A Datasheet HTML 10Page - STMicroelectronics STV1602A Datasheet HTML 11Page - STMicroelectronics STV1602A Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ELECTRICAL CHARACTERISTICS (VEE = -5V, TA =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Test Circuit
Min.
TYp.
Max.
Unit
DC CHARACTERISTICS
IEE
Supply Current
VEE = 5V
Figure 4
185
mA
VIH
Input Voltage
Pin ADS
-0.4
V
VIL
-1.5
V
VIH
Pin RSE
Figure 10
-0.4
V
VIL
-4.0
V
VIH
Pin DIX, DIY
-1.0
V
VIL
-1.6
V
IIH
Input Current
Pin DIX, DIY
Figure 5
5.0
µA
IIL
-1.0
+1.0
µA
VIH
Input Voltage
Pin TN1
Figure 9
-1.0
V
VIL
-4.6
V
VOH
Output Voltage
Pin PCX, Dn
RP =1k
Ω
-0.8
V
VOL
-1.6
V
VM
Pin EVR, RP =1k
Ω
-1.2
V
VOH
Pin DPR, SYN
IOH = -10
µA, IOL = +10µA
Figure 7
-1.0
V
VOL
Figure 8
-4.0
V
VOH
Pin SX, SY
RP = 220
Ω
-1.6
V
VOL
-2.4
V
AC CHARACTERISTICS
fMAX1
VCO Max. Oscillation Frequency 1
RSE = ”H”
Figure 6
30.0
MHz
fMIN1
VCO Min. Oscillation Frequency 1
RSE = ”H”
14.0
MHz
fMAX2
VCO Max. Oscillation Frequency 2
RSE = ”L”
15.0
MHz
fMIN2
VCO Min. Oscillation Frequency 2
RSE = ”L”
10.0
MHz
fHP1
PLL Pull in Range
f signal = 270MHz
RSE = ”H”
Figure 3
27.7
MHz
fLP1
25.5
MHz
fHP2
f signal = 177MHz
RSE = ”H”
18.5
MHz
fLP2
16.8
MHz
fHP3
f signal = 143MHz
RSE = ”H”
15.0
MHz
fLP3
13.3
MHz
fOP1
PLL Generator Frequency
RSE = ”H”
14.0
27.0
MHz
fOP2
RSE = ”L”
10.0
14.5
MHz
Frequency at 1/10 the value of signal frequency (Tested through Pin PCK)
SWITCHING CHARACTERISTICS (VEE = -5V, TA =25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Test Circuit
Min.
Typ.
Max.
Unit
tr
Rise Time
Pins PCK, Dn
RP =1k
Ω
Figure 3
0.8
nsec
tf
Fall Time
1.4
nsec
tr
Rise Time
Pins SX, SY
RP = 220
Ω
0.7
nsec
tf
Fall Time
0.7
nsec
td
Delay Time
Pins PCK, Dn
-3
+3
nsec
STV1602A
8/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com