Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 14Page - STMicroelectronics STV1602A Datasheet HTML 15Page - STMicroelectronics STV1602A Datasheet HTML 16Page - STMicroelectronics STV1602A Datasheet HTML 17Page - STMicroelectronics STV1602A Datasheet HTML 18Page - STMicroelectronics STV1602A Datasheet HTML 19Page - STMicroelectronics STV1602A Datasheet HTML 20Page - STMicroelectronics STV1602A Datasheet HTML 21Page - STMicroelectronics STV1602A Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
REPRESENTATIVE CHARACTERISTICS EXAMPLE
0.80
0.90
1.00
1.10
1.20
1.30
300
260
220
180
140
FV pin Voltage (V)
RSE: ”H”
85
°C
65
°C
45
°C
25
°C
5
°C
-15
°C
Figure 29 : VCO Oscillation Frequency versus
FV Pin Voltage
0.90
1.00
1.10
1.20
1.30
FV pin Voltage (V)
100
110
120
130
140
150
85
°C
65
°C
45
°C
25
°C
5
°C
-15
°C
RSE : ”L”
85
°C
45
°C
Figure 30 : VCO Oscillation Frequency versus
FV Pin Voltage
-15
5
25
45
65
85
Ambient temperature (
°C)
30
29
28
27
26
25
24
23
High pull in
Low pull in
Free run
Figure 32 : Pull-in Range and Free Run Fre-
quency (270Mb/s)
Frequency (MHz)
5
10
15
20
100
200
0
Figure 31 : An example of equalizer charac-
teristics using 5C - 2V coaxial cable
with respect to the gain for 0.5meter
-15
5
25
45
65
85
Ambient temperature (
°C)
18
17
16
15
14
13
12
11
High pull in
Free run
Low pull in
Figure 34 : Pull-in Range and Free Run Fre-
quency (143Mb/s)
-15
5
2545
6585
Ambient temperature (
°C)
21
20
19
18
17
16
15
14
Free run
High pull in
Low pull in
Figure 33 : Pull-in Range and Free Run Fre-
quency (177Mb/s)
STV1602A
21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com