Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV1602A Datasheet(PDF) 15 Page - STMicroelectronics

Part # STV1602A
Description  SERIAL INTERFACE TRANSMISSION DECODER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV1602A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STV1602A Datasheet HTML 11Page - STMicroelectronics STV1602A Datasheet HTML 12Page - STMicroelectronics STV1602A Datasheet HTML 13Page - STMicroelectronics STV1602A Datasheet HTML 14Page - STMicroelectronics STV1602A Datasheet HTML 15Page - STMicroelectronics STV1602A Datasheet HTML 16Page - STMicroelectronics STV1602A Datasheet HTML 17Page - STMicroelectronics STV1602A Datasheet HTML 18Page - STMicroelectronics STV1602A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
26
25
75
Ω
Serial
IN
AIX
AIY
STV1602A
Figure 12 : Equalizer Transformer Input Circuit
STV1602A
MON
GND
35
30
50
Ω coaxial cable
To 50
Ω input
oscilloscope
75
Ω
Figure 14 : Equalized Waveforms Monitoring
STV1602A
29 CX
10
µF/16V
2.2k
Ω
Figure 15 : AGC Time Constant
Coaxial
Cable
75
47pF
47pF
AIY
Pin 25
AIX
Pin 26
Terminator
1mm
Printed circuit inductance
R = 6mm
(
Through-holeto a ground plane)
Figure 13 : An example of technique to improve
the return-loss figure for the capaci-
tor coupling input case
In both input circuit configurations, a consideration
is required in a practical design to obtain a sufficient
return-loss (at least 15dB over a frequency range
of 5MHz to the bit rate frequency used). To achieve
this, it is effective to add a small inductance in
series with the 75
Ω termination resistor. Figure 13
shows an implementation example.
MON Pin (31)
Equalized signals can be observed at this pin by
connecting an oscilloscope input (50
Ω).
CX Pin (29) Equalizer AGC time constant
Connect a 10
µF capacitor in serial with 2.2kΩ
resistor between this pin and GND in order to obtain
stable operation at all times. According to input
signals, voltage changes from -2V to -2.4V can
occur.
2. Digital input
The serial data input can be used without the
equalizer.
DIX (Pin 33) and DIY (Pin 34) are differential inputs
for ECL signals.
From these pins, input signals are differentially
amplified, therefore with no input signals, the data
detectionsignals could go High and erroneous data
would be transferred to the parallel output.
To avoid this, a voltage level conforming to ECL
specifications must be applied between DIX and
DIY pins.
Also, while the analog input is in use, digital input
must be kept ”quiet” in order to avoid possible
errors caused by cross-talk. This cross-talk prob-
lem naturally gets most severe when the analog
input cable length is close to the limit of the trans-
mission capability.
3. Serial input selection
Selection of the serial input is performed by ADS
(Pin 32); when High the digital input is enabled; this
input can be used for very short transmission lines.
When Low, the equalizer input is enabled;this input
must be used for long transmission lines.
4. PLL
In order to extract clock signals from the equalized
serial data, it is processed to generate edge signals
which are sent to the phase comparator.
When the PLL is locked, the identifier clock (D -
flipflop) will be in phase with the incoming clock.
The identifier clock rises at the center of the data
period for easy identification.
The PLL detailed block diagram is shown in Fig-
ure 16.
ESI is the VCO control input (Pin 37). Normally, the
phase comparator output ESO (Pin 1) is connected
to ESI.
Since the VCO employed has a very high sensitiv-
ity, those two nodes must be connected with a
shortest distance and a minimum area of conductor
STV1602A
15/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com